Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD291 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # CMD291
Description  16-24 GHz Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD291 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button CMD291 Datasheet HTML 4Page - Qorvo, Inc CMD291 Datasheet HTML 5Page - Qorvo, Inc CMD291 Datasheet HTML 6Page - Qorvo, Inc CMD291 Datasheet HTML 7Page - Qorvo, Inc CMD291 Datasheet HTML 8Page - Qorvo, Inc CMD291 Datasheet HTML 9Page - Qorvo, Inc CMD291 Datasheet HTML 10Page - Qorvo, Inc CMD291 Datasheet HTML 11Page - Qorvo, Inc CMD291 Datasheet HTML 12Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.1 1018
Applications Information
Application Circuit
The CMD291 is biased with a positive drain supply and a negative gate supply.
Performance is
optimized when the drain voltage is set to +5 V, though it may be set to as low as +3 V. The nominal
gate voltage is -0.5 V.
Turn ON procedure:
1.Apply gate voltage Vgg and set to -2 V
2.Apply drain voltage Vdd and set to +5 V
3.Increase Vgg (less negative) to achieve a drain current of 250 mA
Turn OFF procedure:
1.Turn off drain voltage Vdd
2.Turn off gate voltage Vgg
RF power can be applied at any time.
CMD291
16-24 GHz Driver Amplifier
Biasing and Operation
Please note, all information contained in this data sheet is subject to change without notice.
1
RF in
5
RF out
0.1 uF
Vdd
100 pF
4
3
2
6
0.1 uF
Vgg
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com