Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2574 Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

Part # TC2574
Description  0.5A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2574 Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC2574 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 14Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 15Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
TC2574
0.5A Step-Down Switching Regulator
TC2574-1 1/6/00
Table 2. Inductor Selection Guide
Inductor Value
Pulse Engineering
Tech 89
Renco
NPI
68
µH
*
55 258 SN
RL–1284–68
NP5915
100
µH
*
55 308 SN
RL–1284–100
NP5916
150
µH
52625
55 356 SN
RL–1284–150
NP5917
220
µH
52626
55 406 SN
RL–1284–220
NP5918/5919
330
µH
52627
55 454 SN
RL–1284–330
NP5920/5921
470
µH
52628
*
RL–1284–470
NP5922
680
µH
52629
55 504 SN
RL–1284–680
NP5923
1000
µH
52631
55 554 SN
RL–1284–1000
*
1500
µH*
*
RL–1284–1500
*
2200
µH*
*
RL–1284–2200
*
Table 3. Example of Several Inductor Manufacturers Phone/Fax Numbers
Pulse Engineering Inc.
Phone
+ 1–619–674–8100
Fax
+ 1–619–674–8262
Pulse Engineering Inc. Europe
Phone
+ 353–9324–107
Fax
+ 353–9324–459
Renco Electronics Inc.
Phone
+ 1–516–645–5828
Fax
+ 1–516–586–5562
Tech 39
Phone
+ 33–1–4115–1681
Fax
+ 33–1–4709–5051
NPI/APC
Phone
+ 44–634–290–588
Fax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com