Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2574 Datasheet(PDF) 21 Page - TelCom Semiconductor, Inc

Part # TC2574
Description  0.5A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2574 Datasheet(HTML) 21 Page - TelCom Semiconductor, Inc

Back Button TC2574 Datasheet HTML 17Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 18Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 19Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 20Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 21Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 22Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 23Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 24Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 25Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
TC2574
0.5A Step-Down Switching Regulator
TC2574-1 1/6/00
TYPICAL CHARACTERISTICS (Circuit of Figure 2)
VIN, INPUT VOLTAGE (V)
Figure 23. Normalized Output Voltage
Figure 24. Line Regulation
VIN= 20V
ILOAD = 100mA
Normalized at TJ = 25°C
Figure 25. Dropout Voltage
Figure 26. Current Limit
Figure 27. Quiescent Current
Figure 28. Standby Quiescent Current
ILOAD = 100mA
TJ = 25°C
3.3V , 5.0V and ADJ
12V
VIN = 25 V
ILOAD = 100mA
ILOAD = 500mA
VIN = 12 V
VIN = 40 V
L = 300
µH
ILOAD = 500mA
ILoad = 100mA
VOUT = 5.0 V
Measured at
Ground Pin
TJ = 25°C
VON/OFF = 5.0 V
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
2.0
1.5
1.0
0.5
0
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
20
18
16
14
12
10
8.0
6.0
4.0
200
180
160
140
120
100
80
60
40
20
0
125
100
75
60
25
0
–25
–50
40
35
30
25
20
15
10
5.0
0
125
100
75
60
25
0
–5
–50
125
100
75
60
25
0
–25
–50
40
35
30
25
20
15
10
5.0
0
125
100
75
60
25
0
–25
–50
TJ JUNCTION TEMPERATURE (°C)
TJ JUNCTION TEMPERATURE (°C)
VIN INPUT VOLTAGE (V)
TJ JUNCTION TEMPERATURE (°C)
TJ JUNCTION TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com