Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2574 Datasheet(PDF) 13 Page - TelCom Semiconductor, Inc

Part # TC2574
Description  0.5A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2574 Datasheet(HTML) 13 Page - TelCom Semiconductor, Inc

Back Button TC2574 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 14Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 15Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 16Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 17Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
TC2574
0.5A Step-Down Switching Regulator
TC2574-1 1/6/00
A fast-recovery diode with soft recovery characteristics
can better fulfill some quality, low noise design
requirements.Table 1 provides a list of suitable diodes for
the TC2574 regulator. Standard 50/60Hz rectifier diodes,
such as the 1N4001 series or 1N5400 series are NOT
suitable.
Inductor
The magnetic components are the cornerstone of all
switching power supply designs. The style of the core and
the winding technique used in the magnetic component’s
design have a great influence on the reliability of the overall
power supply.
Using an improper or poorly designed inductor can
cause high voltage spikes generated by the rate of transi-
tions in current within the switching power supply, and the
possibility of core saturation can arise during an abnormal
operational mode. Voltage spikes can cause the semicon-
ductors to enter avalanche breakdown and the part can
instantly fail if enough energy is applied. It can also cause
significant RFI (Radio Frequency Interference) and EMI
(Electro–Magnetic Interference) problems.
Continuous and Discontinuous Mode of Operation.
The TC2574 step–down converter can operate in both
the continuous and the discontinuous modes of operation.
The regulator works in the continuous mode when loads are
relatively heavy, the current flows through the inductor
continuously and never falls to zero. Under light load condi-
tions, the circuit will be forced to the discontinuousmode
when inductor current falls to zero for certain period of time
(see Figure 5 and Figure 6). Each mode has distinctively
different operating characteristics, which can affect the
regulator performance and requirements. In many cases the
preferred mode of operation is the continuous mode. It offers
greater output power, lower peak currents in the switch,
inductor and diode, and can have a lower output ripple
voltage. On the other hand it does require larger inductor
values to keep the inductor current flowing continuously,
especially at low output load currents and/orhigh input
voltages.
To simplify the inductor selection process, an inductor
selection guide for the TC2574 regulator was added to this
data sheet (Figures 39 through 41). This guide assumes that
the regulator is operating in the continuous mode, and
selects an inductor that will allow a peak–to–peak inductor
ripple current to be a certain percentage of the maximum
design load current. This percentage is allowed to change
as different design load currents are selected. For light loads
(less than approximately 0.2A) it may be desirable to oper-
ate the regulator in the discontinuous mode, because the
inductor value and size can be kept relatively low. Conse-
quently, the percentage of inductor peak-to-peak current
increases. This discontinuous mode of operation is perfectly
acceptable for this type of switching converter. Any buck
regulator will be forced to enter discontinuous mode if the
load current is light enough.
Selecting the Right Inductor Style
Some important considerations when selecting a
coretype are core material, cost, the output power of the
powersupply, the physical volume the inductor must fit
within, and the amount of EMI (Electro–Magnetic Interfer-
ence) shielding that the core must provide. There are many
different styles of inductors available, such as pot core,
E–core, toroid and bobbin core, as well as different core
materials such as ferrites and powdered iron from different
manufacturers.
For high quality design regulators the toroid core seems
to be the best choice. Since the magnetic flux is contained
Figure 5. Continuous Mode Switching Current Waveforms
0.5A
Inductor
Current
Waveform
Power
Switch
Current
Waveform
0A
0.5A
0A
HORIZONTAL TIME BASE: 5.0
µsec/DIV
Continuous Mode Switching Current
Waveforms
Figure 6. Continuous Mode Switching Current Waveforms
0.1A
Inductor
Current
Waveform
Power
Switch
Current
Waveform
0A
0.1A
0A
HORIZONTAL TIME BASE: 5.0
µsec/DIV
Continuous Mode Switching Current
Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com