Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70101 Datasheet(PDF) 29 Page - Microchip Technology

Part # PD70101
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PD70101 Datasheet HTML 25Page - Microchip Technology PD70101 Datasheet HTML 26Page - Microchip Technology PD70101 Datasheet HTML 27Page - Microchip Technology PD70101 Datasheet HTML 28Page - Microchip Technology PD70101 Datasheet HTML 29Page - Microchip Technology PD70101 Datasheet HTML 30Page - Microchip Technology PD70101 Datasheet HTML 31Page - Microchip Technology PD70101 Datasheet HTML 32Page - Microchip Technology PD70101 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Figure 5-4. External Power Input Resistors Dividers
R1 and R2 set a rough threshold for PFET Q1 enable, to detect whether the external adapter exists or not. It must be
set at a lower threshold than the PD70211 disable levels.
R3 and R4 set the PD70211 disable threshold.
Therefore, in case of 36V–57V external adapter, the disable setting can be selected as follows:
PFET enable threshold = 30V.
R1 and R2 setting must be such that the value of Q1 VGS is less than 20V at maximum voltage condition of the
external adapter.
While external adapter voltage is more than 30 V, Q1 is above its VGSth value.
R1 is selected as 2 kΩ.
Using R1 = 2 kΩ, Vext_adapter = 30V, and VGS = maximum VGSth = 3.5V, the R2 value is obtained:
R3 and R4 are set to the range of few kΩ (10’s of kΩ) using the following equation:
Using R3 = 15 kΩ, Vext_adapter = 33.7V, and from this data sheet PD70211_WA_EN = 2.4V as the turn OFF
minimum threshold.
Solving the equation, the valid resistor's values for an adapter of 36V and above are achieved.
For complete information and details of various connection methods, see www.microchip.com/DS00003472A.
PD70211
Applications Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com