Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70101 Datasheet(PDF) 11 Page - Microchip Technology

Part # PD70101
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PD70101 Datasheet HTML 7Page - Microchip Technology PD70101 Datasheet HTML 8Page - Microchip Technology PD70101 Datasheet HTML 9Page - Microchip Technology PD70101 Datasheet HTML 10Page - Microchip Technology PD70101 Datasheet HTML 11Page - Microchip Technology PD70101 Datasheet HTML 12Page - Microchip Technology PD70101 Datasheet HTML 13Page - Microchip Technology PD70101 Datasheet HTML 14Page - Microchip Technology PD70101 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
...........continued
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tFLAG
Delay timer between start of
inrush and flags declared
For AT_FLAG, HD_FLAG,
4P_AT_FLAG, 4P_HD_FLAG
80
—
—
ms
VSUPP_HI
SUPP_Sx high voltage
threshold
For SUPP_S1 and SUPP_S2
25
—
35
V
Wall Adapter
VIH
Input high logic
—
2.4
—
—
V
VIL
Input low logic
—
—
—
0.8
V
Table 2-6. Truth Table for Status of Flags
Number of Fingers “N”
(N-Event classification)
SUPP_S1
SUPP_S2
AT_FLAG
HD_FLAG 4P_AT_FLAG 4P_HD_FLAG
1
X
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
2
H
L
0V
Hi-Z
Hi-Z
Hi-Z
2
L
H
0V
Hi-Z
Hi-Z
Hi-Z
2
H
H
0V
Hi-Z
0V
Hi-Z
3
L
H
0V
0V
Hi Z
Hi-Z
3
H
L
0V
0V
Hi Z
Hi-Z
3
H
H
0V
0V
0V
Hi-Z
4
X
X
0V
0V
0V
Hi-Z
5
Reserved for future
6
X
X
0V
0V
0V
0V
PD70211
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com