Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70101 Datasheet(PDF) 14 Page - Microchip Technology

Part # PD70101
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PD70101 Datasheet HTML 10Page - Microchip Technology PD70101 Datasheet HTML 11Page - Microchip Technology PD70101 Datasheet HTML 12Page - Microchip Technology PD70101 Datasheet HTML 13Page - Microchip Technology PD70101 Datasheet HTML 14Page - Microchip Technology PD70101 Datasheet HTML 15Page - Microchip Technology PD70101 Datasheet HTML 16Page - Microchip Technology PD70101 Datasheet HTML 17Page - Microchip Technology PD70101 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
...........continued
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tBLANK
Blanking time
—
50
—
100
ns
VILIM
Current limit threshold on
output of current sense
amplifier
Where PWM pulses start to
get truncated
1.1
1.2
1.3
V
VILIMHICCUP
Current limit threshold on
output of current sense
amplifier capability
Where PWM pulses start to
get omitted in hiccup mode
1.7
1.8
1.9
V
Differential Voltage Amplifier
GainDA
DC gain of differential
voltage amplifier
—
6.68
7.0
7.14
V
AVUGBW_DA
Unity gain bandwidth of
differential voltage
amplifier
—
—
5
—
MHz
VDA_CMR_MAX
Maximum of input
common-mode range
—
3.5
—
—
V
Drivers
RPG_HI
Drive resistance when
PG is high
—
—
10
—
Ω
RPG_LO
Drive resistance when
PG is low
—
—
5
—
Ω
tPG_MIN
Minimum on-time of PG
—
—
—
120
ns
DMAX
PG maximum duty cycle
—
44.5
—
50
%
RSG_HI
Drive resistance when
SG is high
—
—
10
—
Ω
RSG_LO
Drive resistance when
SG is low
—
—
10
—
Ω
tDEAD
Deadtime
—
60
110
190
ns
Logic Levels on VINS and ENABLE
VHI
Input high threshold
—
2
—
—
V
VLO
Input low threshold
—
—
—
0.8
V
Thermal Protection
TSD
Thermal shutdown
(rising)
—
—
157
—
°C
THYST
Thermal shutdown
hysteresis
—
—
15
30
°C
PD70211
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com