Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R258 Datasheet(PDF) 5 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R258
Description  The fanless multi-touch built-in Panel PC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R258 Datasheet(HTML) 5 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R258 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R258 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R258 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R258 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG C9900-R258 Datasheet HTML 5Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CP27xx-0010
https://www.beckhoff.com/cp27xx-0010
Technical changes reserved
As of 23.06.2021 | Site 5 of 5
C9900-E309
RS485 PCIe module for PCs with Beckhoff PCIe module slots, 2-channel, optically linked,
2 sockets ix industrial™ type B.
Configuration as an end point without echo: echo off, auto send on, always send off,
auto receive on, always receive off, termination on. Requires 2 adapter cables C9900-
K922 ix industrial™ type B to D-sub, 9 pin.
C9900-E310
RS422 PCIe module for PCs with Beckhoff PCIe module slots, 2-channel, optically linked,
2 sockets ix industrial™ type B.
Configuration as a full duplex end point: echo on, auto send off, always send on, auto
receive off, always receive on, termination on.
Requires 2 adapter cables C9900-K922 ix industrial™ type B to D-sub, 9 pin.
C9900-K922
adapter cable ix industrial™ type B to D-sub, 9 pin, for RS422/RS485 PCIe module C9900-
E309, C9900-E310, C9900-E312 or C9900-E313, length 45 cm
C9900-E277
USB 3.0 PCIe module
- 2-port USB 3.0 interfaces
- USB transfer rate up to 5 Gbit/s for USB 3.0
- compatible to all USB standards
- delivers up to 1 A supply current at each USB port



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com