Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R258 Datasheet(PDF) 1 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R258
Description  The fanless multi-touch built-in Panel PC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R258 Datasheet(HTML) 1 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R258 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R258 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R258 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R258 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG C9900-R258 Datasheet HTML 5Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CP27xx-0010
https://www.beckhoff.com/cp27xx-0010
Technical changes reserved
As of 23.06.2021 | Site 1 of 5
Product status: Regular delivery
The CP27xx built-in Panel PC series is characterised by a modern operating concept with multi-touch display as well as an
advanced, elegant device design. It is designed for installation in the front of a control cabinet. The CP27xx combine reliable
Beckhoff Control Panel design with state-of-the-art Industrial PC technology. The right display size is available for every
application. With their highly integrated 3½-inch motherboards, the CP27xx built-in Industrial PCs represent a high-
performance platform for machine construction and plant engineering applications that can be used in conjunction with
TwinCAT automation software under Windows 7 Professional, Windows 7 Ultimate, Windows Embedded Standard 7,
Windows Embedded Compact 7 or with Intel Atom® under Windows 10 IoT Enterprise.
Scalable performance
CP27xx Panel PCs are equipped with Intel® Celeron® ULV 1.4 GHz or with Intel Atom® with up to four cores and have one or
two CFast cards. With the on-board RAID controller, two same CFast cards can be mirrored in the CP27xx-0000.
Highest data availability and data security
CP27xx are supplied with a 24 V power supply unit, optionally also with an integrated uninterruptible power supply (UPS). A
battery pack can be connected externally and installed on a DIN rail close to the PC.
Accessibility of the components
Data media and the lithium battery of the system clock are accessible from the rear.
CP27xx-0010 | The fanless multi-touch built-in
Panel PC


Similar Part No. - C9900-R258

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
C9900-R258 BECKHOFF-C9900-R258 Datasheet
200Kb / 5P
Multi-touch built-in Panel PC
C9900-R258 BECKHOFF-C9900-R258 Datasheet
154Kb / 6P
Economy Panel PC
C9900-R258 BECKHOFF-C9900-R258 Datasheet
154Kb / 5P
Multi-touch Panel PC
More results

Similar Description - C9900-R258

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
POS-6920-PPC PROTECHSYSTEMS-POS-6920-PPC Datasheet
300Kb / 2P
The Fanless 15" True Flat Touch Panel PC
logo
Beckhoff Automation Gmb...
CP22XX-0010 BECKHOFF-CP22XX-0010 Datasheet
200Kb / 5P
Multi-touch built-in Panel PC
CP22XX-0020 BECKHOFF-CP22XX-0020 Datasheet
192Kb / 4P
Multi-touch built-in Panel PC
CP22XX-0030 BECKHOFF-CP22XX-0030 Datasheet
192Kb / 4P
Multi-touch built-in Panel PC
CP26XX BECKHOFF-CP26XX Datasheet
141Kb / 2P
Dual-touch built-in Panel PC
CP27XX BECKHOFF-CP27XX Datasheet
193Kb / 2P
Fanless multi-touch built-in Panel PC
CP27XX-0000 BECKHOFF-CP27XX-0000 Datasheet
216Kb / 4P
The fanless multi-touch built-in Panel PC
CP27XX-0020 BECKHOFF-CP27XX-0020 Datasheet
223Kb / 5P
The fanless multi-touch built-in Panel PC
CP32XX-0030 BECKHOFF-CP32XX-0030 Datasheet
147Kb / 5P
Multi-touch Panel PC
CP37XX-0020 BECKHOFF-CP37XX-0020 Datasheet
153Kb / 5P
Multi-touch Panel PC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com