Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R258 Datasheet(PDF) 2 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R258
Description  The fanless multi-touch built-in Panel PC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R258 Datasheet(HTML) 2 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R258 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R258 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R258 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R258 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG C9900-R258 Datasheet HTML 5Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CP27xx-0010
https://www.beckhoff.com/cp27xx-0010
Technical changes reserved
As of 23.06.2021 | Site 2 of 5
Central EtherCAT control
Due to its two independent Ethernet interfaces the CP27xx is ideally suited as a compact central processing unit for an
EtherCAT control system. A third independent Ethernet interface is available as an option.
Flexible expansion options
An optional PCIe module slot offers the possibility to extend the PC, e.g. with additional Ethernet interfaces.
Advantage at the very core: the Beckhoff Industrial PCs
Beckhoff is a pioneer in PC-based automation technology and has been developing and producing its own PC hardware since
1986. The technology know-how that has grown over the past decades is incorporated today into all Beckhoff Industrial PCs.
Their principle feature is the use of state-of-the-art components and processors of the highest performance class. Combined
with a high in-house production depth, including proprietary motherboard production, long-term component availability,
extremely flexible configuration and customer-specific adaptations, Beckhoff presents itself today as one of the world's
leading Industrial PC manufacturers.
Product information
Technical Data
Technical data
CP27xx-0010
Options
Device type
Fanless multi-touch built-in Panel PC
Housing
aluminium housing with glass front
stainless steel housing with glass front at
12.1", 15.6", 18.5" and 21.5" display
Slots for hard disk/flash
2 slots for CFast
Installation
pull-out clamping levers for fast installation without loose parts
Protectionclass
front side IP 65, rear side IP 20
Operating temperature
0…55 °C
Displaysize/resolution
12" 800 x 600, 12.1" 1280 x 800, 15" 1024 x 768, 15.6" 1366 x 768, 18.5" 1366 x 768,
19" 1280 x 1024, 21.5" 1920 x 1080 or 24" 1920 x 1080
Touchscreen
multi-finger touch screen
Processor
Intel Atom® E3815, 1.46 GHz, 1 core (TC3:
40)
up to Intel Atom® E3845 1.91 GHz, 4 cores
(TC3: 50)
Motherboard
3½-inch motherboard for Intel Atom® E38xx
PCIe/PCI slots
1 PCIe module slot
Memory
2 GB DDR3L RAM
up to 8 GB DDR3L RAM ex factory
Ethernet
2 x 100/1000BASE-T on-board
1 additional 100/1000BASE-T
Hard disks/flash
20 GB CFast
up to 160 GB CFast
Interfaces
4 x USB 2.0, 1 x DVI
1 x USB in the front
Power supply
24 V DC
UPS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com