Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-TS2 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R8-TS2
Description  Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-TS2 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R8-TS2 Datasheet HTML 1Page - M-System Co.,Ltd. R8-TS2 Datasheet HTML 2Page - M-System Co.,Ltd. R8-TS2 Datasheet HTML 3Page - M-System Co.,Ltd. R8-TS2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R8-TS2
http://www.m-system.co.jp/
R8-TS2 SPECIFICATIONS
ES-9742 Rev.4 Page 4/4
DIMENSIONS unit: mm (inch)
DIN RAIL
(35 mm wide)
[3 (.12)]
[4 (.16)]
12 (.47)
59 (2.32)
55 (2.17)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
2
4
3
INTERNAL BUS
Control
Circuit
+24V
NC
NC
Input
Logic A/D
Converter
Input
Logic A/D
Converter
1
2
4
3
NC
NC
+
+
-
CJC
SENSOR
CJC
SENSOR
T/C
T/C
INPUT 1
INPUT 2
Isolation
Isolation
DIP
SW
ROTARY
SW
comp. leadwire
comp. leadwire
EXC. SUPPLY*1
Comm.
Circuit
INTERNAL POWER
*1. Not used.
INPUT
STATUS
LED
STATUS
INDICATOR
LED
INPUT CONNECTOR 1
INPUT CONNECTOR 2
-
0V
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com