Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-TS2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-TS2
Description  Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-TS2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-TS2 Datasheet HTML 1Page - M-System Co.,Ltd. R8-TS2 Datasheet HTML 2Page - M-System Co.,Ltd. R8-TS2 Datasheet HTML 3Page - M-System Co.,Ltd. R8-TS2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R8-TS2
http://www.m-system.co.jp/
R8-TS2 SPECIFICATIONS
ES-9742 Rev.4 Page 2/4
Mounting: DIN rail
Weight: 60 g (2.12 oz)
PERFORMANCE
Conversion accuracy: ±1°C (±1.8°F) except ±2.0°C
(±3.6°F) for B, R, S, C, PR
Conversion rate: 100 msec. per channel
Data allocation: 2
Module addresses in use: 1
Cold junction compensation error:
±3°C at 25 ±10°C
±5.4°F at 77 ±18°F
(The described accuracy may be partially not satisfied when
the input temperature is below 0°C. Consult factory.)
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Burnout response time: ≤ 1 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1000 V AC @ 1 minute (input 1 to input 2 to exc. supply to
internal bus or internal power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
RUN
SW1
×10
CARD ADD.
1 2 3 4 5 6 7 8
×1
SW2
SW4
SW3
Term
■ FRONT VIEW
■ SIDE VIEW
On
On
TC1
TC2
1
0
9
1
0
9
1
0
9
1
0
9
Module Address Setting
Rotary SW
Function Setting
DIP SW
Terminator DIP SW
Status Indicator LED
Input Status Indicator LED
Internal Bus Connector
Input Connectors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com