Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-TS2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R8-TS2
Description  Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-TS2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R8-TS2 Datasheet HTML 1Page - M-System Co.,Ltd. R8-TS2 Datasheet HTML 2Page - M-System Co.,Ltd. R8-TS2 Datasheet HTML 3Page - M-System Co.,Ltd. R8-TS2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: R8-TS2
http://www.m-system.co.jp/
R8-TS2 SPECIFICATIONS
ES-9742 Rev.4 Page 1/4
Remote I/O R8 Series
THERMOCOUPLE INPUT MODULE
(2 points, isolated)
Functions & Features
• Accepts direct input from an thermocouple and provides
an isolated, linearized DC signal compact size remote I/O
module
12 (.47)
115 (4.53)
59 (2.32)
mm (inch)
MODEL: R8–TS2[1]
ORDERING INFORMATION
• Code number: R8-TS2[1]
Specify a code from below for [1].
(e.g. R8-TS2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R8CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
•Input: 4-pin e-CON connector
PWB connector XN2D-1474-S002 (Omron)
Recommended cable connector XN2A-1470 (Omron)
Applicable wire size 0.08 mm2 (AWG28) - 0.5 mm2 (AWG20)
Outer sheath diameter: max. 1.5 dia
(The cable connector is not included in the package.
Refer to the specifications of the product.)
•Excitation supply, internal bus:
Connected to internal bus connector
•Internal power: Supplied from internal bus connector
Isolation: Input 1 to input 2 to exc. supply to internal bus or
internal power
Zero adjustments: -32000 - 32000 (PC programming)
Span adjustments: -32000 - 32000 (PC programming)
Configurator software can handle 100 - 200℃ as numerical
value of 0 - 10000
Input sensor setting:DIP switches on the side or with PC
Burnout detection: Selectable with the side DIP SW
Linearization: Standard
Cold Junction Compensation: CJC sensor incorporated
Module address: With rotary switch
Converted data range:
•Engineering unit value (°C, K) × 10 (integer)
•Engineering unit value (°F)
Terminating resistor: Built-in (DIP Switch, default: disable)
Configuration mode: With DIP switches on the side panel
Status indicator: Bi-color (red/green) LED; Refer to the
instruction manual.
Input status indicators: Red LED; Refer to the instruction
manual.
INPUT SPECIFICATIONS
Input resistance: 10kΩ minimum
Burnout sensing: 0.2 μA
T/C
USABLE
RANGE (°C)
CONFORMANCE
RANGE (°C)
K (CA)
E (CRC)
J (IC)
-272 to +1472
-272 to +1100
-260 to +1300
-150 to +1370
-170 to +1000
-180 to +1200
T (CC)
B (RH)
R
-272 to
+500
24 to
1920
-100 to +1860
-170 to +400
400 to 1760
200 to 1760
S
C (WRe 5-26)
N
-100 to +1860
-52 to +2416
-272 to +1400
0 to 1760
0 to 2315
-130 to +1300
U
L
P (Platinel II)
(PR)
-252 to
+700
-252 to +1000
-52 to +1496
-52 to +1860
-200 to +600
-200 to +900
0 to 1395
0 to 1760
INSTALLATION
Max. current consumption: 100 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust


Similar Part No. - R8-TS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-TC2 MSYSTEM-R8-TC2 Datasheet
256Kb / 7P
Remote I/O R8 Series TEMPERATURE CONTROL MODULE
R8-TC2A MSYSTEM-R8-TC2A Datasheet
256Kb / 7P
Remote I/O R8 Series TEMPERATURE CONTROL MODULE
R8-TC2A/Q MSYSTEM-R8-TC2A/Q Datasheet
256Kb / 7P
Remote I/O R8 Series TEMPERATURE CONTROL MODULE
R8-TC2P MSYSTEM-R8-TC2P Datasheet
256Kb / 7P
Remote I/O R8 Series TEMPERATURE CONTROL MODULE
R8-TC2P/Q MSYSTEM-R8-TC2P/Q Datasheet
256Kb / 7P
Remote I/O R8 Series TEMPERATURE CONTROL MODULE
More results

Similar Description - R8-TS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-TS2A MSYSTEM-R6D-TS2A Datasheet
123Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6D-TS2 MSYSTEM-R6D-TS2 Datasheet
125Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6S-TS2A MSYSTEM-R6S-TS2A Datasheet
146Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6N-TS2A. MSYSTEM-R6N-TS2A. Datasheet
136Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R8-RS4N MSYSTEM-R8-RS4N Datasheet
237Kb / 5P
Remote I/O R8 Series RTD INPUT MODULE
R8-DA4A MSYSTEM-R8-DA4A Datasheet
177Kb / 3P
Remote I/O R8 Series DISCRETE INPUT MODULE
R8-CT4E MSYSTEM-R8-CT4E Datasheet
207Kb / 5P
Remote I/O R8 Series AC CURRENT INPUT MODULE
R8-SV4N MSYSTEM-R8-SV4N Datasheet
207Kb / 4P
Remote I/O R8 Series DC VOLTAGE INPUT MODULE
R8-SS4N MSYSTEM-R8-SS4N Datasheet
205Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
R8-SS2 MSYSTEM-R8-SS2 Datasheet
199Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com