Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-TC2A/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R8-TC2A/Q
Description  Remote I/O R8 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-TC2A/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R8-TC2A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 5Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 6Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: R8-TC2
R8-TC2 SPECIFICATIONS
ES-9788 Rev.5 Page 4/7
http://www.m-system.co.jp/
INPUT TYPE, RANGE & CONVERSION ACCURACY
[Table 1]
INPUT TYPE
INPUT RANGE
ACCURACY
DC Current
0 – 20mA DC
±20μA
DC Voltage
-1000 – +1000mV DC
When maximum range*
2 is 60 mV or less: ±20μV
When maximum range*
2 is 120 mV or less: ±30μV
When maximum range*
2 exceeds 120 mV: ±200μV
-10 – +10V DC
± 200mV
Potentiometer
0 – 150Ω, 0 – 300Ω, 0 – 600Ω,
0 – 1200Ω, 0 – 2500Ω, 0 – 4000Ω
Larger value of either ±0.1 Ω or ±0.1 %
Resistor
0 – 4000Ω
Larger value of either ±0.1 Ω or ±0.1 %
Thermocouple
°C
°F
INPUT RANGE
ACCURACY *
1
CONFORMANCE RANGE
INPUT RANGE
ACCURACY *
1
CONFORMANCE RANGE
(PR)
0 – 1760
±1.80
0 – 1760
32 – 3200
±3.24
32 – 3200
K (CA)
-270 – +1370
±0.40
-150 – +1370
-454 – +2498
±0.72
-238 – +2498
E (CRC)
-270 – +1000
±0.60
-170 – +1000
-454 – +1832
±1.08
-274 – +1832
J (IC)
-210 – +1200
±0.70
-180 – +1200
-346 – +2192
±1.26
-292 – +2192
T (CC)
-270 – +400
±0.50
-170 – +400
-454 – +752
±0.90
-274 – +752
B (RH)
100 – 1820
±2.00
400 – 1760
212 – 3308
±3.60
752 – 3200
R
-50 – +1760
±1.00
200 – 1760
-58 – +3200
±1.80
392 – 3200
S
-50 – +1760
±1.00
0 – 1760
-58 – +3200
±1.80
32 – 3200
C (WRe 5-26)
0 – 2315
±1.00
0 – 2315
32 – 4199
±1.80
32 – 4199
N
-270 – +1300
±0.50
-130 – +1300
-454 – +2372
±0.90
-202 – +2372
U
-200 – +600
±0.50
-200 – +600
-328 – +1112
±0.90
-328 – +1112
L
-200 – +900
±0.30
-200 – +900
-328 – +1652
±0.54
-328 – +1652
P (Platinel ll)
0 – 1395
±0.30
0 – 1395
32 – 2543
±0.54
32 – 2543
RTD
°C
°F
INPUT RANGE
ACCURACY
INPUT RANGE
ACCURACY
Pt 100 (JIS ’97, IEC)
-200 – +850
±0.40
-328 – +1562
±0.72
Pt 500
-200 – +850
±0.40
-328 – +1562
±0.72
Pt 1000
-200 – +850
±0.40
-328 – +1562
±0.72
Pt 50Ω (JIS ’81)
-200 – +649
±0.60
-328 – +1200
±1.08
JPt 100 (JIS ’89)
-200 – +510
±0.40
-328 – +950
±0.72
Ni 508.4 Ω
-50 – +200
±0.60
-58 – +392
±1.08
Cu 10 @25°C
-50 – +250
±2.00
-58 – +482
±3.60
*1. Thermocouple: CJC error margin (3.0 °C, 5.4 °F) added value indicated above.
*2. Maximum range: Absolute value of 0% or 100% of the input range, whichever is greater.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com