Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-TC2A/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R8-TC2A/Q
Description  Remote I/O R8 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-TC2A/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R8-TC2A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 5Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 6Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: R8-TC2
R8-TC2 SPECIFICATIONS
ES-9788 Rev.5 Page 5/7
http://www.m-system.co.jp/
EXTERNAL VIEW
Function Setting
DIP SW
SW3
■ LEFT VIEW
■ FRONT VIEW
CT Input Connectors
Control Output
Connectors
Internal Bus Connectors
Internal Bus
Connectors
Status Indicator LED
Indicator LEDs
■ RIGHT VIEW
PV1
CT1
CT2
MV1
MV2
PV2
1 2
SW4
On
2 1
SW3
On
Universal Input
Connector
Universal Input
Connector
RUN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
SW1
SW2
On
2 1
On
SW4
1 2
On
OPERATING MODE SETTING
(*) Factory default
Be sure to set unused SW 2-1 through 2-5 and 2-7, 2-8 to
OFF
■ Module Address
SW 1-1 through 1-4 determine the tenth place digit, while
SW 1-5 through 1-8 do the ones place digit of the address.
Address is selected between 0 to 24.
(Factory setting: 0)
MODULE
ADDRESS
SW1
x10
1
2
3
4
x1
5
6
7
8
0
OFF
OFF
OFF
OFF
1
OFF
OFF
OFF
ON
2
OFF
OFF
ON
OFF
3
OFF
OFF
ON
ON
4
OFF
ON
OFF
OFF
5
OFF
ON
OFF
ON
6
OFF
ON
ON
OFF
7
OFF
ON
ON
ON
8
ON
OFF
OFF
OFF
9
ON
OFF
OFF
ON
■ Terminator DIP SW
TERMINATOR SW
SW2-6
Without (*)
OFF
With
ON
■ Input Selection
INPUT
UNIVERSAL INPUT1 UNIVERSAL INPUT2
SW3
SW4
1
2
1
2
DC Current
ON
OFF
ON
OFF
DC Voltage (V)*1
OFF
OFF
OFF
OFF
DC Voltage (mV)*2
OFF
ON
OFF
ON
Potentiometer
OFF
OFF
OFF
OFF
Resistor
OFF
OFF
OFF
OFF
T/C
OFF
ON
OFF
ON
RTD
OFF
OFF
OFF
OFF
*1. Input range:-10 – +10V DC
*2. Input range:-1000 – +1000mV DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com