Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-TC2A/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R8-TC2A/Q
Description  Remote I/O R8 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-TC2A/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R8-TC2A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 5Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 6Page - M-System Co.,Ltd. R8-TC2A/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: R8-TC2
R8-TC2 SPECIFICATIONS
ES-9788 Rev.5 Page 1/7
http://www.m-system.co.jp/
Remote I/O R8 Series
TEMPERATURE CONTROL MODULE
Functions & Features
• Two PID controllers
• Universal input x 2 points, control output x 2 points, clamp
-on current sensor input x 2 points
• 2 universal inputs configurable to T/C, RTD, DC current or
voltage independently
• Clamp-on current sensor input enables to detect heater
wire break or over current
• Auto tuning function
• Configurable with PC configurator (model: R8CFG)
• Mixed installation with other I/O modules
24 (.94)
115
(4.53)
59 (2.32)
mm (inch)
MODEL: R8-TC2[1][2]
ORDERING INFORMATION
• Code number: R8-TC2[1][2]
Specify a code from below for each [1] and [2].
(e.g. R8-TC2A/Q)
• Specify the specification for option code /Q
(e.g. /C01)
CONTROL LOOP
2: 2 loops
[1] CONTROL OUTPUT
A: 0 – 20 mA DC (Load resistance 450 Ω max.) 2 points
V: 0 – 10 V DC (Load resistance 2 kΩ max.) 2 points
P: 12 V voltage pulse (Load resistance 600 Ω max.) 2 points
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R8CFG)
A dedicated cable is required to connect the module to the
PC. Please refer to the users manual for the PC configurator
for applicable cable types.
• Clamp-on current sensor (model: CLSE)
(Used for detecting the heater wire break)
Note: When using with Power/Network module (model: R8-
NECT1), firmware version Ver1.30 or later is supported.
GENERAL SPECIFICATIONS
Connection
•I/O: 4-pin e-CON connector
Unit side connector XN2D-1474-S002 (Omron)
Recommended cable side connector XN2A-1470 (Omron)
Applicable wire size: 0.08 - 0.5 mm2 (AWG28 - 20)
Outer sheath diameter: max. 1.5 dia
(The cable connector is not included in the package.
Refer to the specifications of the product.)
•Excitation supply, internal bus:
Connected to internal bus connector
•Internal power: Supplied from internal bus connector
Isolation: Pv1 to Pv2 to Mv1 to Mv2 to exc.supply to CT1 or
CT2 or internal bus or internal power
CT Input waveform
RMS sensing: Up to 15 % of 3rd harmonic content
Input Selection: Selectable with the side DIP SW
Cold Junction Compensation: CJC sensor incorporated
Module address: With DIP switch
Terminating resistor: Built-in (DIP Switch, default: disable)
Indicator LEDs: Bi-color (red/green) LED;
Other indicator LEDs: Green LED
Refer to the instruction manual.
Control mode: Standard PID, heating and cooling control PID
Proportional band (P): 0.1 to 3200.0 (temperature unit)
Integral time (I): 0 to 3999 sec.
Derivative time (D): 0.0 to 999.9 sec.
Auto-tuning: Limit cycle method
Sampling cycle: 100 msec.
Control cycle: 1.0 to 99.9 sec.
(100 msec. fixed for Mv output 0 - 20 mA DC
and 0 - 10 V DC)
Mv output range: -5 - +105 % for output scale
Parameters: Stored in non-volatile memory; write/erase
cycle endurance: less than 1 000 000
Parameter setting: With PC configurator software (model:


Similar Part No. - R8-TC2A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-TS2 MSYSTEM-R8-TS2 Datasheet
219Kb / 4P
Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
R8-TS2/Q MSYSTEM-R8-TS2/Q Datasheet
219Kb / 4P
Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
More results

Similar Description - R8-TC2A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ESR8FST4N MSYSTEM-ESR8FST4N Datasheet
288Kb / 5P
Remote I/O R8 Series
ESR8DCT4D MSYSTEM-ESR8DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series
R8-RS4N MSYSTEM-R8-RS4N Datasheet
237Kb / 5P
Remote I/O R8 Series RTD INPUT MODULE
R8-NM1 MSYSTEM-R8-NM1 Datasheet
443Kb / 10P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NEIP1 MSYSTEM-R8-NEIP1 Datasheet
232Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NECT1 MSYSTEM-R8-NECT1 Datasheet
233Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-ND1 MSYSTEM-R8-ND1 Datasheet
320Kb / 4P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NC3 MSYSTEM-R8-NC3 Datasheet
306Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-DCT4D MSYSTEM-R8-DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series RELAY OUTPUT MODULE
R8-TS2 MSYSTEM-R8-TS2 Datasheet
219Kb / 4P
Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com