Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R80DCT8A/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R80DCT8A/Q
Description  Remote I/O R80 Series NPN TRANSISTOR OUTPUT MODULE, 8 points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R80DCT8A/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R80DCT8A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R80DCT8A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R80DCT8A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R80DCT8A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R80DCT8A/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R80DCT8A
R80DCT8A SPECIFICATIONS
ES-7024 Rev.0 Page 3/5
http://www.m-system.co.jp/
WIRING
• OUTPUT CONNECTOR
Unit side connector: M-System’s product
Cable side connector: DFMC1,5/2-ST-3,5 (Phoenix Contact)
(included in the package)
Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm
Recommended solderless terminal
• AI0,25−10YE 0.25 mm2 (Phoenix Contact)
• AI0,34−10TQ 0.34 mm2 (Phoenix Contact)
• AI0,5−10WH 0.5 mm2 (Phoenix Contact)
• AI0,75−10GY 0.75 mm2 (Phoenix Contact)
• A1−10 1.0 mm2 (Phoenix Contact)
• A1,5−10 1.5 mm2 (Phoenix Contact)
Do 1
1
Do 2
2
Do 3
3
Do 4
4
Do 5
5
Do 6
6
Do 7
7
Do 8
8
0 V
9
0 V
10
24 V
11
24 V
12
NC
13
NC
14
NC
15
NC
16
PIN
No.
ID
FUNCTION
1
2
3
4
5
11
12
13
14
15
16
6
7
8
9
10
Do 1
Do 2
Do 3
Do 4
Do 5
Do 6
Do 7
Do 8
0 V
0 V
24 V
24 V
NC
NC
NC
NC
OUTPUT 1
OUTPUT 2
OUTPUT 3
OUTPUT 4
OUTPUT 5
OUTPUT 6
OUTPUT 7
OUTPUT 8
Excitation supply 24 V DC
Excitation supply 24 V DC
Excitation supply 0 V DC
Excitation supply 0 V DC
No connection
No connection
No connection
No connection
OPERATING MODE SETTING
• Module address setting
Module address: Selectable between 0 and F, with rotary
switch
(Factory setting: 0)
• Terminator DIP SW
TERMINATOR SW
SW2
Without (*)
OFF
With
ON
(*) Factory setting



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com