Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R80DCT8A/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R80DCT8A/Q
Description  Remote I/O R80 Series NPN TRANSISTOR OUTPUT MODULE, 8 points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R80DCT8A/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R80DCT8A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R80DCT8A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R80DCT8A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R80DCT8A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R80DCT8A/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R80DCT8A
R80DCT8A SPECIFICATIONS
ES-7024 Rev.0 Page 5/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Comm.
Circuit
+24 V
0 V
1
5
2
3
6
4
7
8
12
9
10 0 V
Do 1
Do 2
Do 3
Do 4
Do 5
Do 6
Do 7
Do 8
24 V
11 24 V
0 V
L
L
L
L
L
L
L
L
13
14
15
16
1 Do 1
8
9
10
Do 8
0 V
+24 V
3 A
11
12
Control
Circuit
Power
Circuit
STATUS
IND. LED
DISCRETE OUTPUT
STATUS IND. LED
INTERNAL BUS
ROTARY
SW
DIP
SW
Output Circuit
INTERNAL POWER
EXC. SUPPLY
* The fuse is not replaceable.
*
■ OUTPUT CIRCUIT
Control
Circuit
–
+
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com