Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R80DCT8A/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R80DCT8A/Q
Description  Remote I/O R80 Series NPN TRANSISTOR OUTPUT MODULE, 8 points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R80DCT8A/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R80DCT8A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R80DCT8A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R80DCT8A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R80DCT8A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R80DCT8A/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R80DCT8A
R80DCT8A SPECIFICATIONS
ES-7024 Rev.0 Page 1/5
http://www.m-system.co.jp/
Remote I/O R80 Series
NPN TRANSISTOR OUTPUT MODULE, 8 points
(Tension clamp terminal block)
Functions & Features
• 8 channels for discrete output, compact size remote I/O
module
• 16 pins tension clamp connector
12 (.42)
115 (4.53)
(mm)
73 (2.87)
MODEL: R80DCT8A[1]
ORDERING INFORMATION
• Code number: R80DCT8A[1]
Specify a code from below for [1].
(e.g. R80DCT8A/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R80CFG)
Downloadable at M-System’s web site.
For connecting to PC, use commercially available Mini-B
type USB cable. (provided by user)
GENERAL SPECIFICATIONS
Connection
Output: Separable tension clamp terminal
Internal bus, internal power, excitation power supply:
Connected to internal bus connector
Isolation: Output or exc. supply to internal bus or internal
power
Module address: With rotary switch
Terminating resistor: Built-in (DIP Switch, default: disable)
Status indicator: Bi-color (red/green) LED; Refer to the
instruction manual.
Discrete output status indicators: Green LED; Refer to the
instruction manual.
OUTPUT SPECIFICATIONS
Module type: Discrete output, 8 points
Common: Negative common (NPN) per 8 points
Maximum outputs applicable at once: No limit (at 24 V DC)
Number of output: 8 points
Rated load voltage: 24 V DC ±10 %
Rated output current: 0.1 A per point, 0.8 A per common
Residual voltage: ≤ 0.5 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.2 msec.
OFF delay: ≤ 0.5 msec.
With shortcircuit protection
With overheat protection
(When driving an inductive load, connect a diode in parallel
with the load.)
Output when communication is lost:
Hold output (the previous output received normally is held)
Clear output (output is fixed to OFF)
(Settable with PC configurator)
(Factory setting: Hold output)
INSTALLATION
Max. current consumption: 120 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 80 g (2.82 oz)
PERFORMANCE
Power output (output connector): Rated curent 3 A DC
(rated current 3 A for internal fuse (slow blow fuse i2t (A2sec)
max. 5.04)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500V AC @1 minute
(output or exc. supply to internal bus or internal power to
ground)


Similar Part No. - R80DCT8A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R80DAT8A MSYSTEM-R80DAT8A Datasheet
250Kb / 5P
Remote I/O R80 Series NPN DISCRETE INPUT MODULE, 8 points
R80DAT8A/Q MSYSTEM-R80DAT8A/Q Datasheet
250Kb / 5P
Remote I/O R80 Series NPN DISCRETE INPUT MODULE, 8 points
More results

Similar Description - R80DCT8A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6N-DC4A MSYSTEM-R6N-DC4A Datasheet
135Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R6S-DC4A MSYSTEM-R6S-DC4A Datasheet
145Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R8-DCT8B2 MSYSTEM-R8-DCT8B2 Datasheet
322Kb / 6P
Remote I/O R8 Series PNP TRANSISTOR OUTPUT MODULE, 8 points
R8-DCT8A2 MSYSTEM-R8-DCT8A2 Datasheet
322Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 8 points
R8-DCT16A2 MSYSTEM-R8-DCT16A2 Datasheet
245Kb / 5P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALZ MSYSTEM-R8-DCM16ALZ Datasheet
188Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALK MSYSTEM-R8-DCM16ALK Datasheet
231Kb / 7P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALH MSYSTEM-R8-DCM16ALH Datasheet
222Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16A MSYSTEM-R8-DCM16A Datasheet
181Kb / 5P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R80DAT8A MSYSTEM-R80DAT8A Datasheet
250Kb / 5P
Remote I/O R80 Series NPN DISCRETE INPUT MODULE, 8 points
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com