Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8335 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8335
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8335 Datasheet HTML 9Page - Analog Devices LT8335 Datasheet HTML 10Page - Analog Devices LT8335 Datasheet HTML 11Page - Analog Devices LT8335 Datasheet HTML 12Page - Analog Devices LT8335 Datasheet HTML 13Page - Analog Devices LT8335 Datasheet HTML 14Page - Analog Devices LT8335 Datasheet HTML 15Page - Analog Devices LT8335 Datasheet HTML 16Page - Analog Devices LT8335 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT8337/LT8337-1
13
Rev. 0
For more information www.analog.com
While in Burst Mode operation the bottom switch peak
current is approximately 1.2A as shown in the Switching
Waveforms in Burst Mode operation curve in the Typical
Performance Characteristics section. This behavior
results in larger output voltage ripple compared to that
in pulse-skipping mode operation which has lower bot-
tom switch peak current. However, the output voltage
ripple can be reduced proportionally by increasing the
output capacitance. When adjusting output capacitance,
a careful evaluation of system stability should be made
to ensure adequate design margin. As the load ramps
upward from zero, the switching frequency keeps increas-
ing until reaching the switching frequency programmed
by the resistor at the RT pin. The output load at which the
LT8337/LT8337-1 reaches the programmed frequency
varies based on input voltage, output voltage, and induc-
tor choice.
Pulse-skipping mode operation offers two major dif-
ferences from Burst Mode operation. First, the internal
clock stays awake at all times and all switching cycles are
aligned to the clock. In this mode the internal circuitry is
awake at all times, increasing quiescent current to several
hundred μA compared to the 5μA of VIN pin quiescent cur-
rent in Burst Mode operation. Second, as the load ramps
upward from zero, the switching frequency programmed
by the resistor at the RT pin is reached at a lower output
load than in Burst Mode operation, therefore, pulse-skip-
ping mode operation exhibits lower output ripple as well
as lower audio noise and RF interference.
Switching Frequency and Synchronization
The choice of switching frequency is a trade-off between
efficiency and component size. Low frequency opera-
tion improves efficiency by reducing the power switches’
switching losses and gate drive current. However, lower
frequency operation requires a physically larger inductor.
The LT8337/LT8337-1 uses a constant-frequency archi-
tecture that can be programmed over a 300kHz to 3MHz
range with a single external resistor from the RT pin to
ground, as shown in Block Diagram. A table for selecting
the value of RT for a given switching frequency is shown
in Table 1. Figure 1 shows the RT Value vs Switching
Frequency curve.
Table 1. SW Frequency (fSW) vs RT Value
fSW (MHz)
RT (kΩ)
fSW (MHz)
RT (kΩ)
0.3
357
1.7
57.6
0.4
267
1.8
53.6
0.5
210
1.9
51.1
0.6
174
2.0*
47.5
0.7
147
2.1
45.2
0.8
127
2.2
43.2
0.9
113
2.3
40.2
1.0
102
2.4
39.2
1.1
90.9
2.5
37.4
1.2
84.5
2.6
35.7
1.3
76.8
2.7
34.0
1.4
71.5
2.8
32.4
1.5
64.9
2.9
30.9
1.6
61.9
3.0
30.1
* Programming 2MHz will ensure fSW stays above 1.85MHz (out of the
AM band).
The operating frequency of the LT8337/LT8337-1 can
be synchronized to an external clock source with 100ns
minimum pulse width. By providing a digital clock signal
to the SYNC/MODE pin, the IC operates at the SYNC pulse
frequency and automatically enters pulse-skipping mode
operation at light load. If this feature is used, an RT resis-
tor should be chosen to program a switching frequency
as close as possible to the SYNC pulse frequency.
APPLICATIONS INFORMATION
Figure 1. RT Value vs Switching Frequency
SWITCHING FREQUENCY (kHz)
0
500
1000 1500 2000 2500 3000
10k
100k
1M
83371 F01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com