Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8335 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8335
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 2 Page - Analog Devices

  LT8335 Datasheet HTML 1Page - Analog Devices LT8335 Datasheet HTML 2Page - Analog Devices LT8335 Datasheet HTML 3Page - Analog Devices LT8335 Datasheet HTML 4Page - Analog Devices LT8335 Datasheet HTML 5Page - Analog Devices LT8335 Datasheet HTML 6Page - Analog Devices LT8335 Datasheet HTML 7Page - Analog Devices LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT8337/LT8337-1
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, VOUT, EN/UVLO..................................................28V
SYNC/MODE, FB .........................................................6V
PG (LT8337) .............................................................10V
VC (LT8337-1)...........................................................2.5V
Operating Junction Temperature Range (Notes 2, 3)
LT8337EV/LT8337EV-1...................... –40°C to 125°C
LT8337JV/LT8337JV-1 ....................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body)
Temperature......................................................260°C
(Note 1)
ORDER INFORMATION
PART NUMBER
PART MARKING
PAD FINISH
PACKAGE*
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LT8337EV#PBF
LHKR
e4
Au (RoHS)
LQFN (Laminate
Package with QFN
Footprint)
3
–40°C to 125°C
LT8337JV#PBF
–40°C to 150°C
LT8337EV-1#PBF
LHNW
–40°C to 125°C
LT8337JV-1#PBF
–40°C to 150°C
• Contact the factory for parts specified with wider operating temperature
ranges. Pad or ball finish code is per IPC/JEDEC J-STD-609.
*The LT8337/LT8337-1 package has the same dimensions as a standard
3mm × 3mm QFN.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
LT8337
LT8337-1
16 15 14 13
5
6
7
8
TOP VIEW
LQFN PACKAGE
16-LEAD (3mm × 3mm) LQFN
θJA = 42.8°C/W, θJCtop = 45.2°C/W,
θJCbottom = 8.2°C/W (NOTE 4)
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
1
SYNC/MODE
RT
GND
FB
BST
SW
SW
SW
12
11
10
9
2
3
4
NC
NC
NC
NC
17
GND
16 15 14 13
5
6
7
8
TOP VIEW
LQFN PACKAGE
16-LEAD (3mm × 3mm) LQFN
θJA = 42.8°C/W, θJCtop = 45.2°C/W,
θJCbottom = 8.2°C/W (NOTE 4)
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
1
SYNC/MODE
RT
GND
FB
BST
SW
SW
SW
12
11
10
9
2
3
4
NC
NC
NC
NC
17
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com