Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8335 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8335
Description  28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8335 Datasheet HTML 12Page - Analog Devices LT8335 Datasheet HTML 13Page - Analog Devices LT8335 Datasheet HTML 14Page - Analog Devices LT8335 Datasheet HTML 15Page - Analog Devices LT8335 Datasheet HTML 16Page - Analog Devices LT8335 Datasheet HTML 17Page - Analog Devices LT8335 Datasheet HTML 18Page - Analog Devices LT8335 Datasheet HTML 19Page - Analog Devices LT8335 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT8337/LT8337-1
16
Rev. 0
For more information www.analog.com
Figure 3. A Simplified LT8337/LT8337-1 Power
Stage with a Diode Added Between VIN and VOUT
switcher from attaining a sufficiently low duty cycle. The
typical switching waveforms in these VIN approaching
VOUT conditions are shown in the Typical Performance
Characteristics section.
Start-Up
To limit the peak switch current and VOUT overshoot dur-
ing start-up, the LT8337/LT8337-1 contains internal cir-
cuitry to provide soft-start operation (refer to the error
amplifier EA in Block Diagram). During start-up, the inter-
nal soft-start circuity slowly ramps the internal SS signal
from zero to 1V. When the SS voltage falls between the FB
initial voltage and 1V, the IC regulates the FB pin voltage
to the SS voltage instead of 1V. In this way the output
capacitor is charged gradually towards its final value while
limiting the start-up peak switch currents.
Referring to Figure 2, the start-up time TSTART_UP is the
time period from EN/UVLO transitioning high to VOUT hav-
ing reached 90% of its regulation voltage programmed
by FB resistor network. When VIN > 3.6V, TSTART_UP is
approximately given by Equation 7.
TSTART_UP = 0.25ms +
2100
fSW
(7)
The IC selects pulse-skipping mode with no spread
spectrum frequency modulation during start-up, and the
SYNC/MODE pin configuration is ignored. The IC reads
SYNC/MODE pin configuration after the start-up delay
(Equation 9).
TMODE_DELAY = 0.22ms +
4096
fSW
(9)
If the LT8337/LT8337-1 boost converter is plugged into
a live supply, the VOUT could ring to twice the voltage of
VIN, due to the resonant circuit composed by L, COUT1-3,
and the body diode of M2 (refer to Block Diagram). If such
over-shoot exceeds the VOUT rating, it must be limited
to protect the load and the converter. For these situa-
tions, a small Schottky diode or silicon diode can be con-
nected between VIN and VOUT to deactivate the resonant
circuit and limit the VOUT over-shoot as shown in Figure 3.
With the diode connected, the boost is also more robust
against output fault conditions such as output short cir-
cuit or overload, due to the fact that the diode diverts a
great amount of output current from the IC. The diode
can be rated for about one half to one fifth of the full load
current since it only conducts current during start-up or
output fault conditions.
APPLICATIONS INFORMATION
VIN
VIN
SW
GND
VOUT
VOUT
CIN
L
COUT1,2
COUT3
D
LT8337/LT8337-1
83371 F03
Figure 2. Typical Start-Up Waveforms
1ms/DIV
IL
2A/DIV
VOUT
5V/DIV
EN/UVLO
2V/DIV
VIN = 7.2V
FRONT PAGE CIRCUIT
15V
83371 F02
tMODE_DELAY
tSTART_UP
Inductor Selection
When operating in continuous conduction mode (CCM),
the duty cycle can be calculated based on the output volt-
age (VOUT) and the input voltage (VIN). The maximum duty
cycle (DMAX) occurs when the converter has the minimum
input voltage (Equation 10).
DMAX =
VOUT – VIN(MIN)
VOUT
(10)
When VIN < 3.6V, TSTART_UP is approximately given by
Equation 8.
TSTART_UP = 0.25ms +
3.5V
VIN − 0.1V
•
2100
fSW
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com