Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM58-K Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # ASM58-K
Description  Multiturn absolute encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ASM58-K Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  ASM58-K Datasheet HTML 1Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 2Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 3Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 4Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 5Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
ASM58-K
4
The Synchronous Serial Interface was specially developed for transferring the output data of an absolute encoder to a control device. The control module
sends a clock bundle and the absolute encoder responds with the position value.
Thus only 4 lines are required for the clock and data, no matter what the resolution of the rotary encoder is. The RS 422 interface is optically isolated from
the power supply.
SSI signal course Standard
SSI output format Standard
•
At idle status signal lines "Data +" and "Clock +" are at high level (5 V).
•
The first time the clock signal switches from high to low, the data transfer in which the current information (position data (Dn) and special bit (S)) is
stored in the encoder is introduced.
•
The highest order bit (MSB) is applied to the serial data output of the encoder with the first rising pulse edge.
•
The next successive lower order bit is transferred with each following rising pulse edge.
•
After the lowest order bit (LSB) has been transferred the data line switches to low until the monoflop time Tm has expired.
•
No subsequent data transfer can be started until the data line switches to high again or the time for the clock pause Tp has expired.
•
After the clock sequence is complete, the monoflop time Tm is triggered with the last falling pulse edge.
•
The monoflop time Tm determines the lowest transmission frequency.
SSI output format ring slide operation (multiple transmission)
•
In ring slide operation, multiple transmission of the same data word over the SSI interface makes it possible to offer the possibility of detecting trans-
mission errors.
•
In multiple transmission, 25 bits are transferred per data word in standard format.
•
If the clock change is not interrupted after the last falling pulse edge, ring slide operation automatically becomes active. This means that the infor-
mation that was stored at the time of the first clock change is generated again.
•
After the first transmission, the 26th pulse controls data repetition. If the 26th pulse follows after an amount of time greater than the monoflop time
Tm, a new current data word will be transmitted with the following pulses.
If the pulse line is exchanged, the data word is generated offset.
Ring slide operation is possible up to max. 13 bits.
Block diagram
Line length
Input for selection of counting direction (V/R)
Description
Inputs
D1, ..., Dn:
T = 1/f:
Tm:
Tp:
S:
MSB:
LSB:
Position data
Special bit
Most significant bit
Least significant bit
Duration of period of clock signal
≤ 1 MHz
Monoflop time 10
µs ... 30 µs
Clock pause
≥ monoflop time (Tp ≥ Tm)
LSB
MSB
Tp
Tm
T
Clock +
Data +
Dn
Dn-1
Dn-2
Dn-3
D2
D1
S
Line length in m
Baudrate in kHz
< 50
< 400
< 100
< 300
< 200
< 200
< 400
< 100
Rotary encoder
Interface electronics
Receiver
Logic
Clock
generator
Data +
Data -
Clock -
Clock +



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com