Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM58-K Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # ASM58-K
Description  Multiturn absolute encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ASM58-K Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  ASM58-K Datasheet HTML 1Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 2Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 3Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 4Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 5Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Multiturn absolute encoder
ASM58-K
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
SYNCHRON SERIELLES INTERFACE
Model Number
ASM58-K
Features
• Industrial standard
housing Ø58 mm
• 30 Bit multiturn
• Data transfer up to 2 MBaud
• Optically isolated RS 422 interface
• Recessed hollow shaft
• Zero-set function electrically and
by preset key
Description
This multiturn absolute encoder with modern fast
technology transmits a position value correspon-
ding to the shaft setting via the SSI interface (Syn-
chronous Serial Interface). The maximum
resolution of the ASM58-K is maximum
65536 steps per revolution at 16384 revolutions.
The devices of the ASM58-K series are equipped
with a microcontroller.
The control module sends a clock bundle to the ab-
solute encoder to obtain the position data. The ro-
tary encoder then sends the position data
synchronous to the cycles of the control module.
It is possible to select the following items with func-
tion inputs
•
the counting direction and
•
the zero-set function (preset value)
Another feature of this absolute encoder is the built
in preset key at the rear housing side. By means of
this, the position value can be locally set to zero.
For status and diagnosis indication furthermore it is
equipped with 2 LEDs.
The absolute encoder is mounted directly onto the
application shaft, without any coupling. Rotation of
the absolute encoder is prevented by a torque rest.
The electrical connection is made by a 12-pin
round plug connector. A version with a 1 m cable
connector is also available.
Technical data
General specifications
Detection type
photoelectric sampling
Device type
Multiturn absolute encoder
Functional safety related parameters
MTTFd
150 a
Mission Time (TM)
20 a
L10h
1.9 E+11 at 6000 rpm and 20/40 N axial/radial shaft load
Diagnostic Coverage (DC)
0 %
Indicators/operating means
LED green
supply voltage/preset key pressed
LED red
internal diagnostic test failed
Electrical specifications
Operating voltage UB
4.5 ... 30 V DC
Power consumption P0
≤ 1 W
Time delay before availability tv
< 250 ms
Linearity
± 2 LSB at 16 Bit, ± 1 LSB at 13 Bit, ± 0,5 LSB at 12 Bit
Output code
Gray code, binary code
Code course (counting direction)
cw descending (clockwise rotation, code course
descending)
Interface
Interface type
SSI
Monoflop time
20 ± 10
µs
Resolution
Single turn
up to 16 Bit
Multiturn
14 Bit
Overall resolution
up to 30 Bit
Transfer rate
0.1 ... 2 MBit/s
Voltage drop
UB - 2.5 V
Standard conformity
RS 422
Input 1
Input type
Selection of counting direction (cw/ccw)
Signal voltage
High
4.5 ... 30 V or open input (cw ascending)
Low
0 ... 1 V (cw descending)
Input current
< 6 mA
Switch-on delay
< 10 ms
Input 2
Input type
zero-set (PRESET 1)
Signal voltage
High
4.5 ... 30 V
Low
0 ... 1 V or open input
Input current
< 6 mA
Signal duration
≥ 100 ms
Switch-on delay
< 10 ms after falling input flank
Connection
Connector
type 9416 (M23), 12-pin, type 9416L (M23), 12-pin
Cable
Ø7 mm, 6 x 2 x 0.14 mm2, 1 m
Standard conformity
Degree of protection
DIN EN 60529, IP65 (without shaft seal) ; DIN EN 60529,
IP66/IP67 (with shaft seal)
Climatic testing
DIN EN 60068-2-3, no moisture condensation
Emitted interference
DIN EN 61000-6-4
Noise immunity
DIN EN 61000-6-2
Shock resistance
DIN EN 60068-2-27, 100 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 20 g, 10 ... 2000 Hz
Ambient conditions
Operating temperature
-40 ... 85 °C (-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Material
Combination 1
housing: powder coated aluminum
flange: aluminum
shaft: stainless steel
Combination 2 (Inox)
housing: stainless steel
flange: stainless steel
shaft: stainless steel
Mass
approx. 460 g (combination 1)
approx. 800 g (combination 2)
Rotational speed
max. 12000 min -1
Moment of inertia
≤ 30 gcm2
Starting torque
< 3 Ncm (version without shaft seal)
Shaft load
Angle offset
± 0.9 °
Axial offset
static: ± 0.3 mm, dynamic: ± 0.1 mm
Radial offset
static: ± 0.5 mm, dynamic: ± 0.2 mm
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source


Similar Part No. - ASM58-K

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASM58-0 PF-ASM58-0 Datasheet
375Kb / 7P
Multiturn absolute encoder
ASM58-H PF-ASM58-H Datasheet
374Kb / 7P
Multiturn absolute encoder
More results

Similar Description - ASM58-K

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASM58-H PF-ASM58-H Datasheet
374Kb / 7P
Multiturn absolute encoder
AVM58-K PF-AVM58-K Datasheet
413Kb / 8P
Multiturn absolute encoder
CVM58 PF-CVM58 Datasheet
403Kb / 5P
Multiturn absolute encoder
ESM58-TZ PF-ESM58-TZ Datasheet
290Kb / 4P
Multiturn absolute encoder
ESM78E-E PF-ESM78E-E Datasheet
450Kb / 4P
Multiturn absolute encoder
EVM58-IZ PF-EVM58-IZ Datasheet
412Kb / 5P
Multiturn absolute encoder
EVM58-PZ PF-EVM58-PZ Datasheet
395Kb / 5P
Multiturn absolute encoder
EVM78E-E PF-EVM78E-E Datasheet
828Kb / 5P
Multiturn absolute encoder
FVM58 PF-FVM58 Datasheet
314Kb / 6P
Multiturn absolute encoder
PVM58X PF-PVM58X Datasheet
489Kb / 5P
Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com