Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM58-K Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # ASM58-K
Description  Multiturn absolute encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ASM58-K Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  ASM58-K Datasheet HTML 1Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 2Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 3Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 4Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 5Page - Pepperl+Fuchs Inc. ASM58-K Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
ASM58-K
3
Electrical connection
Signal
Cable Ø7 mm, 12-core
Connector 9416, 12-pin
Connector 9416L, 12-pin
Explanation
GND (encoder)
White
1
1
Power supply
Ub (encoder)
Brown
2
8
Power supply
Clock (+)
Green
3
3
Positive cycle line
Clock (-)
Yellow
4
11
Negative cycle line
Data (+)
Grey
5
2
Positive transmission data
Data (-)
Pink
6
10
Negative transmission data
Reserved
Blue
7
12
Not wired, reserved
V/R
Red
8
5
Input for selection of counting direction
PRESET 1
Black
9
9
zero-setting input
Reserved
Violet
10
4
Not wired, reserved
Reserved
Grey/Pink
11
6
Not wired, reserved
Reserved
Red/Blue
12
7
Not wired, reserved
12 11
98 10 7
3
12 6
4
5
87 11
91 12 2
6
10 3
5
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com