Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8008 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFSW8008
Description  Wi-Fi SPDT Switch 300MHz to 5925MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW8008 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFSW8008 Datasheet HTML 1Page - Qorvo, Inc RFSW8008 Datasheet HTML 2Page - Qorvo, Inc RFSW8008 Datasheet HTML 3Page - Qorvo, Inc RFSW8008 Datasheet HTML 4Page - Qorvo, Inc RFSW8008 Datasheet HTML 5Page - Qorvo, Inc RFSW8008 Datasheet HTML 6Page - Qorvo, Inc RFSW8008 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
Disclaimer: Subject to change without notice
Revision
DS20180308
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
RFSW8008
Wi-Fi SPDT Switch
300MHz to 5925MHz
The RFSW8008 is a single-pole double-throw switch (SPDT) designed
for Wi-Fi 802.11a/b/g/n/ac systems. The small package size minimizes
layout area in the customer’s application and wide frequency range of
operation enables a breadth of applications in typical systems. The
device is provided in a 1.0mm x 1.075mm x 0.5mm, 7-pin QFN package.
1
RF2
GND
VCTRL1
7
2
3
4
5
6
RF1
VCTRL2
ANT
VDD
Functional Block Diagram
Ordering Information
RFSW8008SB
Sample bag with 5 pieces
RFSW8008SQ
Sample bag with 25 pieces
RFSW8008SR
7" Reel with 100 pieces
RFSW8008TR7
7" Reel with 2500 pieces
RFSW8008PCK-410
5 GHz Evaluation Board plus 5 loose pieces
Package: QFN, 7-pin,
1.0mm x 1.075mm x 0.5mm max
Features
■
Insertion Loss =
■
0.3 dB typical at 900MHz
■
0.4 dB typical at 2.5GHz
■
0.75 dB typical at 5GHz
■
Isolation = 27dB
■
P0.1dB > 27dBm
■
Switch Control Logic > 1.2V
■
High ESD 2kV HBM
Applications
■
Wireless Routers
■
Access Points
■
Residential Gateways
■
Consumer Premise Equipment
■
Small Cell
■
Internet of Things
RFSW8008


Similar Part No. - RFSW8008

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW8000 RFMD-RFSW8000 Datasheet
499Kb / 6P
10W SPDT SWITCH
RFSW8001 RFMD-RFSW8001 Datasheet
139Kb / 6P
Symmetric SP3T Switch
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
SP3T Switch
RFSW8006Q RFMD-RFSW8006Q Datasheet
167Kb / 6P
Symmetric SP3T Switch
More results

Similar Description - RFSW8008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
Renesas Technology Corp
F2950 RENESAS-F2950 Datasheet
4Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
logo
Qorvo, Inc
QPF8538 QORVO-QPF8538 Datasheet
495Kb / 8P
Wi-Fi Front End Module 4900MHz to 5925MHz
RFPA5532 QORVO-RFPA5532 Datasheet
454Kb / 7P
Wi-Fi Integrated PA Module 4900MHz to 5925MHz
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
Wi-Fi PA 2.4GHz to 2.5Ghz
RFFM4527 QORVO-RFFM4527 Datasheet
354Kb / 7P
Wi-Fi Low Noise Amplifier 4900MHz to 5925MHz
logo
IOGEAR
GWU637 IOGEAR-GWU637 Datasheet
151Kb / 3P
Universal Wi-Fi N Transmitter- Ethernet to Wi-Fi N 300Mbps
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Renesas Technology Corp
F2950 RENESAS-F2950_V01 Datasheet
5Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
Mar 9, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com