Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8008 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFSW8008
Description  Wi-Fi SPDT Switch 300MHz to 5925MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW8008 Datasheet(HTML) 2 Page - Qorvo, Inc

  RFSW8008 Datasheet HTML 1Page - Qorvo, Inc RFSW8008 Datasheet HTML 2Page - Qorvo, Inc RFSW8008 Datasheet HTML 3Page - Qorvo, Inc RFSW8008 Datasheet HTML 4Page - Qorvo, Inc RFSW8008 Datasheet HTML 5Page - Qorvo, Inc RFSW8008 Datasheet HTML 6Page - Qorvo, Inc RFSW8008 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
Disclaimer: Subject to change without notice
Revision
DS20180308
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFSW8008
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5.0
V
Storage Temperature
-40 to +150
ºC
Moisture Sensitivity
MSL
1
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
Operating Frequency
0.3
5.925
GHz
Operating Temperature
-40
+85
ºC
Power Supply VDD
2.7
5
V
Control Voltage-High
1.2
1.8
VDD
V
CTRL
Control Voltage-Low
0
0.2
V
300-1000MHz
VDD=3.6V, T=+25ºC; Unless otherwise noted
Insertion Loss
0.3
0.5
dB
P0.1dB
29
dBm
Input Return Loss
20
15
dB
Output Return Loss
20
15
dB
RF1-ANT in RF2 Isolation
24
dB
RF2-ANT in RF1 Isolation
24
dB
1000-2500MHz
VDD=3.6V, T=+25ºC; Unless otherwise noted
Insertion Loss
0.4
0.8
dB
Linear Output Power
21
dBm
11ac 40MHz Dynamic EVM
-45
-40
dB
0.6
1
%
Input Return Loss
20
15
dB
Output Return Loss
20
15
dB
RF1-ANT in RF2 Isolation
24
dB
RF2-ANT in RF1 Isolation
24
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com