Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8008 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFSW8008
Description  Wi-Fi SPDT Switch 300MHz to 5925MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW8008 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFSW8008 Datasheet HTML 1Page - Qorvo, Inc RFSW8008 Datasheet HTML 2Page - Qorvo, Inc RFSW8008 Datasheet HTML 3Page - Qorvo, Inc RFSW8008 Datasheet HTML 4Page - Qorvo, Inc RFSW8008 Datasheet HTML 5Page - Qorvo, Inc RFSW8008 Datasheet HTML 6Page - Qorvo, Inc RFSW8008 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 of 7
Disclaimer: Subject to change without notice
Revision
DS20180308
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFSW8008
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
5000-6000MHz
VDD=3.6V, T=+25ºC; Unless otherwise noted
Insertion Loss
0.8
1.5
dB
Linear Output Power
21
dBm
11ac 80MHz Dynamic EVM
-45
-40
dB
0.6
1
%
Output Return Loss
15
10
dB
RF1-ANT in RF2 Isolation
20
dB
RF2-ANT in RF1 Isolation
20
dB
General Specifications
Passband Ripple
-0.1
0.1
dB
Across any 100MHz BW
Input P0.1dB
27
29
dBm
CW
Switch Control Current
25
nA
Total Operating Current: High State
60
150
μA
Total Operating Current: Low State
1.5
μA
Switch Time - 50 to 90% RF Output
200
500
nS
VCONTROL=0 to 3.3V, CTRL = High
Switch Time - 50 to 10% RF Output
200
500
nS
ESD
– Human Body Model
2000
V
Switch Control Logic Truth Table
Operating Mode
VCTRL1
VCNTRL2
RF1-ANT
High
High
RF2-ANT
High
Low
Shutdown
Low
Low
Note: High > 1.2V to VDD. Low = 0V to 0.2V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com