Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M440T513Y Datasheet(PDF) 19 Page - STMicroelectronics

Part # M440T513Y
Description  5.0V, 16 Mbit (512 Kbit x 32) TIMEKEEPER-R SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M440T513Y Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M440T513Y Datasheet HTML 15Page - STMicroelectronics M440T513Y Datasheet HTML 16Page - STMicroelectronics M440T513Y Datasheet HTML 17Page - STMicroelectronics M440T513Y Datasheet HTML 18Page - STMicroelectronics M440T513Y Datasheet HTML 19Page - STMicroelectronics M440T513Y Datasheet HTML 20Page - STMicroelectronics M440T513Y Datasheet HTML 21Page - STMicroelectronics M440T513Y Datasheet HTML 22Page - STMicroelectronics M440T513Y Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19/26
M440T513Y
Table 11. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –15 to 75°C; VCC = 4.5 to 5.5V (except where noted).
2. All voltages are referenced to Ground.
3. For BL and IRQ (Open drain); if pulled-up to supply other than VCC, this supply must be equal to, or less than 3.0V when VCC = 0V
(during battery back-up mode).
Sym
Parameter
Test Condition(1)
M440T513Y
Unit
Min
Typ
Max
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±4
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±4
µA
ICC1
Supply Current
385
mA
ICC2
Supply Current (TTL Standby)
E1-4, EC = VIH
20
mA
ICC3
VCC Power Supply Current
E1-4, EC = VCCI – 0.2
23
mA
VIL
(2)
Input Low Voltage
–0.3
0.8
V
VIH
(2)
Input High Voltage
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.0mA
0.4
V
Output Low Voltage (Open drain)(3)
IOL = 10mA
0.4
V
VOH
Output High Voltage
IOH = –1.0mA
2.4
V
VPFD
(2)
Power Fail Deselect
4.0
4.50
V
VSO
(2)
Battery Back-up Switchover
VBAT
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com