Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M440T513Y Datasheet(PDF) 22 Page - STMicroelectronics

Part # M440T513Y
Description  5.0V, 16 Mbit (512 Kbit x 32) TIMEKEEPER-R SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M440T513Y Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M440T513Y Datasheet HTML 18Page - STMicroelectronics M440T513Y Datasheet HTML 19Page - STMicroelectronics M440T513Y Datasheet HTML 20Page - STMicroelectronics M440T513Y Datasheet HTML 21Page - STMicroelectronics M440T513Y Datasheet HTML 22Page - STMicroelectronics M440T513Y Datasheet HTML 23Page - STMicroelectronics M440T513Y Datasheet HTML 24Page - STMicroelectronics M440T513Y Datasheet HTML 25Page - STMicroelectronics M440T513Y Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
M440T513Y
22/26
PACKAGE MECHANICAL INFORMATION
Figure 16. PBGA-ZA – 168-ball Plastic Ball Grid Array Package Outline
Note: Drawing is not to scale.
PBGA-Z03
SIDE VIEW
BOTTOM VIEW
B
A2
A
A3
A1
ddd C
D1
D3
E2
E
E3
E4
E1
D
D2
e
Non-plated
thru holes
FD
b
e
e
FE
BALL 1
CORNER
1
0.20 (4X)
Detail A
Fiducial and
Soldermask
opening (3X)
DETAIL A
SOLDER BALL (Typ)
C
S
C
A
B
fff
eee
b
S
S
S
E5
TOP VIEW
D
GD
HE
E
B
B3
B
A
GE
45˚
B2
B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com