Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M440T513Y Datasheet(PDF) 23 Page - STMicroelectronics

Part # M440T513Y
Description  5.0V, 16 Mbit (512 Kbit x 32) TIMEKEEPER-R SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M440T513Y Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M440T513Y Datasheet HTML 18Page - STMicroelectronics M440T513Y Datasheet HTML 19Page - STMicroelectronics M440T513Y Datasheet HTML 20Page - STMicroelectronics M440T513Y Datasheet HTML 21Page - STMicroelectronics M440T513Y Datasheet HTML 22Page - STMicroelectronics M440T513Y Datasheet HTML 23Page - STMicroelectronics M440T513Y Datasheet HTML 24Page - STMicroelectronics M440T513Y Datasheet HTML 25Page - STMicroelectronics M440T513Y Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23/26
M440T513Y
Table 14. PBGA-ZA – 168-ball Plastic Ball Grid Array Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
11.64
11.24
12.04
0.458
0.443
0.474
A1
6.60
6.30
6.90
0.260
0.248
0.272
A2
1.50
1.40
1.60
0.059
0.055
0.063
A3
9.25
9.00
9.50
0.364
0.354
0.374
B
44.40
44.30
44.50
1.748
1.744
1.752
B1
36.60
36.50
36.70
1.441
1.437
1.445
B2
28.25
28.15
28.35
1.112
1.108
1.116
B3
23.10
23.00
23.20
0.909
0.906
0.913
b
0.76
0.71
0.81
0.030
0.028
0.032
D
44.50
44.30
44.70
1.752
1.744
1.760
D1
27.94
1.100
D2
40.00
39.80
40.20
1.575
1.567
1.583
D3
20.56
20.46
20.66
0.809
0.806
0.813
e
1.27
0.050
E
44.50
44.30
44.70
1.752
1.744
1.760
E1
22.86
0.900
E2
28.40
1.118
E3
40.00
39.80
40.20
1.575
1.567
1.583
E4
15.75
15.65
15.85
0.620
0.616
0.624
E5
14.38
14.28
14.48
0.566
0.562
0.570
FD
8.28
8.08
8.48
0.326
0.318
0.334
FE
10.82
10.72
10.92
0.426
0.422
0.430
GD
0.58
0.38
0.78
0.023
0.015
0.031
GE
1.00
0.039
HE
1.42
1.22
1.62
0.056
0.048
0.064
n
168
168
Tolerance
Tolerance
ddd
0.15
0.006
eee
0.25
0.010
fff
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com