Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624 Datasheet(PDF) 71 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 67Page - STMicroelectronics VS6624 Datasheet HTML 68Page - STMicroelectronics VS6624 Datasheet HTML 69Page - STMicroelectronics VS6624 Datasheet HTML 70Page - STMicroelectronics VS6624 Datasheet HTML 71Page - STMicroelectronics VS6624 Datasheet HTML 72Page - STMicroelectronics VS6624 Datasheet HTML 73Page - STMicroelectronics VS6624 Datasheet HTML 74Page - STMicroelectronics VS6624 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
VS6624
Register map
Rev 1
71/100
Peaking control
Table 33.
Peaking control
Index
Peaking control(1)
0x2000
bUserPeakGain
Default value
0x0e
Purpose
controls peaking gain / sharpness applied to the image
Type
BYTE
0x2002
fDisableGainDamping
Default value
<0> FALSE
Purpose
set to disable damping and therefore ensure that the peaking gain
applied remains constant under all conditions
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE
0x2005 (MSByte)
0x2006 (LSByte)
fpDamperLowThreshold_Gain
Default value
0x62ac (350208)
Purpose
Low Threshold for exposure for calculating the damper slope - for gain
Type
FLOAT
0x2009 (MSByte)
0x200a (LSByte)
fpDamperHighThreshold_Gain
Default value
0x65d1 (10004488)
Purpose
High Threshold for exposure for calculating the damper slope - for gain
Type
FLOAT
0x200d (MSByte)
0x200e (LSByte)
fpMinimumDamperOutput_Gain
Default value
0x3d33 (0.799805)
Purpose
Minimum possible damper output for the gain.
Type
FLOAT
0x2010
bUserPeakLoThresh
Default value
0x1e
Purpose
Adjust degree of coring. range: 0 - 63
Type
BYTE
0x2012
fDisableCoringDamping
Default value
<0> FALSE
Purpose
set to ensure that bUserPeakLoThresh is applied to gain block
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com