Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624 Datasheet(PDF) 35 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 31Page - STMicroelectronics VS6624 Datasheet HTML 32Page - STMicroelectronics VS6624 Datasheet HTML 33Page - STMicroelectronics VS6624 Datasheet HTML 34Page - STMicroelectronics VS6624 Datasheet HTML 35Page - STMicroelectronics VS6624 Datasheet HTML 36Page - STMicroelectronics VS6624 Datasheet HTML 37Page - STMicroelectronics VS6624 Datasheet HTML 38Page - STMicroelectronics VS6624 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
VS6624
Host communication - I²C control interface
Rev 1
35/100
10
Host communication - I²C control interface
The interface used on the VS6624 is a subset of the I²C standard. Higher level protocol
adaptations have been made to allow for greater addressing flexibility. This extended
interface is known as the V2W interface.
10.1
Protocol
A message contains two or more bytes of data preceded by a START (S) condition and
followed by either a STOP (P) or a repeated START (Sr) condition followed by another
message.
STOP and START conditions can only be generated by a V2W master.
After every byte transferred the receiving device must output an acknowledge bit which tells
the transmitter if the data byte has been successfully received or not.
The first byte of the message is called the device address byte and contains the 7-bit
address of the V2W slave to be addressed plus a read/write bit which defines the direction
of the data flow between the master and the slave.
The meaning of the data bytes that follow device address changes depending whether the
master is writing to or reading from the slave.
Figure 18. Write message
For the master writing to the slave the device address byte is followed by 2 bytes which
specify the 16-bit internal location (index) for the data write. The next byte of data contains
the value to be written to that register index. If multiple data bytes are written then the
internal register index is automatically incremented after each byte of data transferred. The
master can send data bytes continuously to the slave until the slave fails to provide an
acknowledge or the master terminates the write communication with a STOP condition or
sends a repeated START (Sr).
Figure 19. Read message
For the master reading from the slave the device address is followed by the contents of last
register index that the previous read or write message accessed. If multiple data bytes are
read then the internal register index is automatically incremented after each byte of data
‘0’ (Write)
S
DEV ADDR R/W A
2 Index Bytes
DATA
P
A/A
DATA
A
N Data Byte
A
DATA
From Master to Slave
From Slave to Master
‘1’ (Read)
S
DEV ADDR R/W A
DATA
P
A
DATA
A
1 or more Data Byte
From Master to Slave
From Slave to Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com