Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 13Page - STMicroelectronics VS6624 Datasheet HTML 14Page - STMicroelectronics VS6624 Datasheet HTML 15Page - STMicroelectronics VS6624 Datasheet HTML 16Page - STMicroelectronics VS6624 Datasheet HTML 17Page - STMicroelectronics VS6624 Datasheet HTML 18Page - STMicroelectronics VS6624 Datasheet HTML 19Page - STMicroelectronics VS6624 Datasheet HTML 20Page - STMicroelectronics VS6624 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
VS6624
Clock control
Rev 1
17/100
5
Clock control
Input clock
The VS6624 requires provision of an external reference clock. The external clock should be
a DC coupled square wave. The clock signal may have been RC filtered. The clock input is
fail-safe in power down mode.
The VS6624 contains an internal PLL allowing it to produce accurate frame rates from a
wide range of input clock frequencies. The allowable input range is from 6.5MHz to 54MHz.
The input clock frequency must be programmed in the registers. To program an input
frequency of 6.5 MHz, the numerator can be set to 13 and the denominator to 2. The default
input frequency is 12 MHz.
The VS6624 may be configured as a master or slave device. In normal (master operation)
the input clock can be a different frequency to the output PCLK and all output clock
configuration is based on the internal PLL. In slave configuration, the input clock is the same
frequency and phase as the output PCLK. i.e. parallel output data is synchronized to the
input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com