Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS873033 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS873033
Description  HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873033 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS873033 Datasheet HTML 1Page - Integrated Circuit Systems ICS873033 Datasheet HTML 2Page - Integrated Circuit Systems ICS873033 Datasheet HTML 3Page - Integrated Circuit Systems ICS873033 Datasheet HTML 4Page - Integrated Circuit Systems ICS873033 Datasheet HTML 5Page - Integrated Circuit Systems ICS873033 Datasheet HTML 6Page - Integrated Circuit Systems ICS873033 Datasheet HTML 7Page - Integrated Circuit Systems ICS873033 Datasheet HTML 8Page - Integrated Circuit Systems ICS873033 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
873033AM
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 19, 2005
2
Integrated
Circuit
Systems, Inc.
ICS873033
HIGH SPEED, ÷4 DIFFERENTIAL-TO-
3.3V, 5V LVPECL/ECL CLOCK GENERATOR
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1T
E
S
E
Rt
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
h
0
0
1
d
e
d
n
e
-
e
l
g
n
i
S
.
n
i
p
t
e
s
e
R
2K
L
C
Pt
u
p
n
In
w
o
d
ll
u
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
W
O
L
t
l
u
a
f
e
D
.
t
u
p
n
i
k
c
o
l
C
3K
L
C
P
nt
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
t
u
p
n
i
k
c
o
l
C
4V
B
B
t
u
p
t
u
O.
e
g
a
t
l
o
v
s
a
i
B
5V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
7
,
6Q
,
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
8V
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
i
s
o
P
:
E
T
O
N
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
s
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
5
7k
Ω
TABLE 3. TRUTH TABLE
tRR
tPW
FIGURE 1. TIMING DIAGRAM
PCLK
RESET
Q
s
t
u
p
n
Is
t
u
p
t
u
O
K
L
C
PK
L
C
P
nT
E
S
E
RQ
Q
n
XX
H
LL
H
H
LL
HL
4
÷4
÷
n
o
i
t
s
i
s
n
a
r
t
H
G
I
H
o
t
W
O
L
=
H
L
n
o
i
t
s
i
s
n
a
r
t
W
O
L
o
t
H
G
I
H
=
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com