Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS873033 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS873033
Description  HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873033 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS873033 Datasheet HTML 1Page - Integrated Circuit Systems ICS873033 Datasheet HTML 2Page - Integrated Circuit Systems ICS873033 Datasheet HTML 3Page - Integrated Circuit Systems ICS873033 Datasheet HTML 4Page - Integrated Circuit Systems ICS873033 Datasheet HTML 5Page - Integrated Circuit Systems ICS873033 Datasheet HTML 6Page - Integrated Circuit Systems ICS873033 Datasheet HTML 7Page - Integrated Circuit Systems ICS873033 Datasheet HTML 8Page - Integrated Circuit Systems ICS873033 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
873033AM
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 19, 2005
4
Integrated
Circuit
Systems, Inc.
ICS873033
HIGH SPEED, ÷4 DIFFERENTIAL-TO-
3.3V, 5V LVPECL/ECL CLOCK GENERATOR
TABLE 4D. ECL DC CHARACTERISTICS, V
CC = 0V; VEE = -5.5V
TO
-3.0V
TABLE 4C. LVPECL DC CHARACTERISTICS, V
CC = 5V; VEE = 0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
°
0
4
-C
°
5
2C
°
5
8
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
5
2
1
.
1
-5
2
0
.
1
-2
9
.
0
-5
7
0
.
1
-5
0
0
.
1
-3
9
.
0
-5
0
0
.
1
-7
9
.
0
-5
3
9
.
0
-V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
9
8
.
1
-5
5
7
.
1
-2
6
.
1
-5
7
8
.
1
-8
7
.
1
-5
8
6
.
1
-6
8
.
1
-5
6
7
.
1
-7
6
.
1
-V
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
)
d
e
d
n
E
-
e
l
g
n
i
S
(
5
2
2
.
1
-4
9
.
0
-5
2
2
.
1
-4
9
.
0
-5
2
2
.
1
-4
9
.
0
-V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
)
d
e
d
n
E
-
e
l
g
n
i
S
(
7
8
.
1
-5
3
5
.
1
-7
8
.
1
-5
3
5
.
1
-7
8
.
1
-5
3
5
.
1
-V
V
B
B
e
c
n
e
r
e
f
e
R
e
g
a
t
l
o
V
t
u
p
t
u
O
4
4
.
1
-2
3
.
1
-4
4
.
1
-2
3
.
1
-4
4
.
1
-2
3
.
1
-V
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
0
5
10
0
80
0
2
10
5
10
0
80
0
2
10
5
10
0
80
0
2
1
mV
V
R
M
C
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
3
,
2
E
T
O
N
;
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C
V
E
E
V
2
.
1
+0
V
E
E
V
2
.
1
+0
V
E
E
V
2
.
1
+0
V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
K
L
C
P
n
,
K
L
C
P
0
5
10
5
10
5
1A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
K
L
C
P
n
,
K
L
C
P
0
1
-0
1
-0
1
-A
µ
V
h
t
i
w
1
:
1
y
r
a
v
s
r
e
t
e
m
a
r
a
p
t
u
p
t
u
o
d
n
a
t
u
p
n
I
C
C .
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
C
C
.
V
2
-
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
2
E
T
O
N
H
I .
V
s
i
K
L
C
P
n
,
K
L
C
P
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
-
e
l
g
n
i
s
r
o
F
:
3
E
T
O
N
C
C
.
V
3
.
0
+
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
°
0
4
-C
°
5
2C
°
5
8
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
5
7
8
.
35
7
9
.
38
0
.
45
2
9
.
35
9
9
.
37
0
.
45
9
9
.
33
0
.
45
6
0
.
4V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
0
1
.
35
4
2
.
38
3
.
35
2
1
.
32
2
.
35
1
3
.
34
1
.
35
3
2
.
33
3
.
3V
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
)
d
e
d
n
E
-
e
l
g
n
i
S
(
5
7
7
.
36
0
.
45
7
7
.
36
0
.
45
7
7
.
36
0
.
4V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
)
d
e
d
n
E
-
e
l
g
n
i
S
(
3
1
.
35
6
4
.
33
1
.
35
6
4
.
33
1
.
35
6
4
.
3V
V
B
B
e
c
n
e
r
e
f
e
R
e
g
a
t
l
o
V
t
u
p
t
u
O
6
5
.
38
6
.
36
5
.
38
6
.
36
5
.
38
6
.
3V
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
0
5
10
0
80
0
2
10
5
10
0
80
0
2
10
5
10
0
80
0
2
1
mV
V
R
M
C
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
3
,
2
E
T
O
N
;
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C
2
.
15
2
.
15
2
.
15
V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
K
L
C
P
n
,
K
L
C
P
0
5
10
5
10
5
1A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
K
L
C
P
n
,
K
L
C
P
0
1
-0
1
-
0
1
-
A
µ
V
h
t
i
w
1
:
1
y
r
a
v
s
r
e
t
e
m
a
r
a
p
t
u
p
t
u
o
d
n
a
t
u
p
n
I
C
C
V
.
E
E
.
V
5
.
0
-
o
t
V
2
+
y
r
a
v
n
a
c
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
C
C
.
V
2
-
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
2
E
T
O
N
H
I .
V
s
i
K
L
C
P
n
,
K
L
C
P
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
-
e
l
g
n
i
s
r
o
F
:
3
E
T
O
N
C
C
.
V
3
.
0
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com