Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS873033 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS873033
Description  HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873033 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS873033 Datasheet HTML 1Page - Integrated Circuit Systems ICS873033 Datasheet HTML 2Page - Integrated Circuit Systems ICS873033 Datasheet HTML 3Page - Integrated Circuit Systems ICS873033 Datasheet HTML 4Page - Integrated Circuit Systems ICS873033 Datasheet HTML 5Page - Integrated Circuit Systems ICS873033 Datasheet HTML 6Page - Integrated Circuit Systems ICS873033 Datasheet HTML 7Page - Integrated Circuit Systems ICS873033 Datasheet HTML 8Page - Integrated Circuit Systems ICS873033 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
873033AM
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 19, 2005
1
Integrated
Circuit
Systems, Inc.
ICS873033
HIGH SPEED, ÷4 DIFFERENTIAL-TO-
3.3V, 5V LVPECL/ECL CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS873033 is a high speed, high perfor-
mance Differential-to-3.3V, 5V LVPECL/ECL
Clock Generator and a member of the
HiPerClockS ™ family of High Perfor mance
Clock Solutions from ICS. The ICS873033
is characterized to operate from either a 3.3V or a 5V
power supply.
FEATURES
• One differential 3.3V, 5V LVPECL / ECL output
• One differential PCLK, nPCLK input pair
• PCLK, nPCLK pair can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Input frequency: 3.2GHz (maximum)
• Translates any single ended input signal to 3.3V
LVPECL levels with resistor bias on nPCLK input
• Additive phase jitter, RMS: 0.20ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 3.0V to 5.5V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -5.5V to -3.0V
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS873033
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
RESET
PCLK
nPCLK
VBB
1
2
3
4
HiPerClockS™
ICS
Vcc
Q
nQ
VEE
8
7
6
5
Q
nQ
RESET
PCLK
nPCLK
V
BB
ICS873033
8-Lead TSSOP, 118 mil
3mm x 3mm x 0.95mm package body
G Package
Top View
÷4
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS873033

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8732-01 IDT-ICS8732-01 Datasheet
173Kb / 17P
Maximum output frequency
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
logo
List of Unclassifed Man...
ICS8735-21 ETC-ICS8735-21 Datasheet
198Kb / 15P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8735-21 IDT-ICS8735-21 Datasheet
840Kb / 20P
700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
List of Unclassifed Man...
ICS87354AMI ETC-ICS87354AMI Datasheet
128Kb / 10P
-2.5V/ 3.3V LVPECL CLOCK GENERATOR
More results

Similar Description - ICS873033

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
8737-11 IDT-8737-11 Datasheet
228Kb / 17P
Low Skew Differential-to-3.3V LVPECL Clock Generator
8737I-11 IDT-8737I-11 Datasheet
242Kb / 15P
Low Skew Differential-to- 3.3V LVPECL Clock Generator
87339I-11 IDT-87339I-11 Datasheet
196Kb / 15P
Low Skew, Differential-to-3.3V LVPECL Clock Generator
87354 IDT-87354 Datasheet
198Kb / 15P
Differential-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
87354 RENESAS-87354 Datasheet
359Kb / 16P
÷4/÷5 Differential-to-3.3V LVPECL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com