Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS873033AM Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS873033AM
Description  HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873033AM Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS873033AM Datasheet HTML 8Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 9Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 10Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 11Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 12Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 13Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 14Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 15Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
873033AM
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 19, 2005
14
Integrated
Circuit
Systems, Inc.
ICS873033
HIGH SPEED, ÷4 DIFFERENTIAL-TO-
3.3V, 5V LVPECL/ECL CLOCK GENERATOR
PACKAGE OUTLINE - M SUFFIX FOR 8 LEAD SOIC
TABLE 8A. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MS-012
L
O
B
M
Y
S
s
r
e
t
e
m
i
l
l
i
M
N
U
M
I
N
I
MM
U
M
I
X
A
M
N8
A5
3
.
15
7
.
1
1
A0
1
.
05
2
.
0
B3
3
.
01
5
.
0
C9
1
.
05
2
.
0
D0
8
.
40
0
.
5
E0
8
.
30
0
.
4
eC
I
S
A
B
7
2
.
1
H0
8
.
50
2
.
6
h5
2
.
00
5
.
0
L0
4
.
07
2
.
1
α
°
0°
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com