Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS873033AM Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS873033AM
Description  HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873033AM Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS873033AM Datasheet HTML 1Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 2Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 3Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 4Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 5Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 6Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 7Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 8Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
873033AM
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 19, 2005
3
Integrated
Circuit
Systems, Inc.
ICS873033
HIGH SPEED, ÷4 DIFFERENTIAL-TO-
3.3V, 5V LVPECL/ECL CLOCK GENERATOR
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
CC = 3.0V
TO
5.5V; V
EE = 0V
ABSOLUTE MAXIMUM RATINGS
TABLE 4B. LVPECL DC CHARACTERISTICS, V
CC = 3.3V; VEE = 0V
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage
to the device. These ratings are stress specifi-
cations only. Functional operation of product at
these conditions or any conditions beyond those
listed in the DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may
affect product reliability.
Supply Voltage, V
CC
6V (LVPECL mode, V
EE = 0)
Negative Supply Voltage, V
EE
-6V (ECL mode, V
CC = 0)
Inputs, V
I (LVPECL mode)
-0.5V to V
CC + 0.5V
Inputs, V
I (ECL mode)
0.5V to V
EE - 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
V
BB Sink/Source, IBB
± 0.5mA
Operating Temperature Range, TA -40°C to +85°C
Storage Temperature, T
STG
-65°C to 150°C
Package Thermal Impedance,
θ
JA
112.7°C/W (0 lfpm)
(Junction-to-Ambient) for 8 Lead SOIC
Package Thermal Impedance,
θ
JA
101.7°C/W (0 m/s)
(Junction-to-Ambient) for 8 Lead TSSOP
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
0
.
33
.
35
.
5V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
3A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
°
0
4
-C
°
5
2C
°
5
8
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
5
7
1
.
25
7
2
.
28
3
.
25
2
2
.
25
9
2
.
27
3
.
25
9
2
.
23
3
.
25
6
3
.
2V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
0
4
.
15
4
5
.
18
6
.
15
2
4
.
12
5
.
15
1
6
.
14
4
.
15
3
5
.
13
6
.
1V
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
)
d
e
d
n
E
-
e
l
g
n
i
S
(
5
7
0
.
26
3
.
25
7
0
.
26
3
.
25
7
0
.
26
3
.
2V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
)
d
e
d
n
E
-
e
l
g
n
i
S
(
3
4
.
15
6
7
.
13
4
.
15
6
7
.
13
4
.
15
6
7
.
1V
V
B
B
e
c
n
e
r
e
f
e
R
e
g
a
t
l
o
V
t
u
p
t
u
O
6
8
.
18
9
.
16
8
.
18
9
.
16
8
.
18
9
.
1V
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
0
5
10
0
80
0
2
10
5
10
0
80
0
2
10
5
10
0
80
0
2
1
mV
V
R
M
C
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
3
,
2
E
T
O
N
;
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C
2
.
13
.
32
.
13
.
32
.
13
.
3V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
K
L
C
P
n
,
K
L
C
P
0
5
10
5
10
5
1A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
K
L
C
P
n
,
K
L
C
P
0
1
-0
1
-
0
1
-
A
µ
V
h
t
i
w
1
:
1
y
r
a
v
s
r
e
t
e
m
a
r
a
p
t
u
p
t
u
o
d
n
a
t
u
p
n
I
C
C
V
.
E
E
.
V
2
.
2
-
o
t
V
3
.
0
+
y
r
a
v
n
a
c
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
C
C
.
V
2
-
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
2
E
T
O
N
H
I .
V
s
i
K
L
C
P
n
,
K
L
C
P
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
-
e
l
g
n
i
s
r
o
F
:
3
E
T
O
N
C
C
.
V
3
.
0
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com