Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS873033AM Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS873033AM
Description  HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS873033AM Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS873033AM Datasheet HTML 2Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 3Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 4Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 5Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 6Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 7Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 8Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 9Page - Integrated Circuit Systems ICS873033AM Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
873033AM
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 19, 2005
6
Integrated
Circuit
Systems, Inc.
ICS873033
HIGH SPEED, ÷4 DIFFERENTIAL-TO-
3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ADDITIVE PHASE JITTER
Additive Phase Jitter
@ 155.52MHz (12kHz to 20MHz)
= 0.20ps typical
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
1k
10k
100k
1M
10M
The spectral purity in a band at a specific offset from the
fundamental compared to the power of the fundamental is
called the dBc Phase Noise. This value is normally expressed
using a Phase noise plot and is most often the specified plot
in many applications. Phase noise is defined as the ratio of
the noise power present in a 1Hz band at a specified offset
from the fundamental frequency to the power value of the
fundamental. This ratio is expressed in decibels (dBm) or a
As with most timing specifications, phase noise measure-
ments have issues. The primary issue relates to the limita-
tions of the equipment. Often the noise floor of the equipment
is higher than the noise floor of the device. This is illustrated
ratio of the power in the 1Hz band to the power in the funda-
mental. When the required offset is specified, the phase noise
is called a dBc value, which simply means dBm at a specified
offset from the fundamental. By investigating jitter in the fre-
quency domain, we get a better understanding of its effects
on the desired application over the entire time record of the
signal. It is mathematically possible to calculate an expected
bit error rate given a phase noise plot.
above. The device meets the noise floor of what is shown, but
can actually be lower. The phase noise is dependant on the
input source and measurement equipment.
OFFSET FROM CARRIER FREQUENCY (HZ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com