Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69210 Datasheet(PDF) 12 Page - Microchip Technology

Part # PD69210
Description  PoE PSE Controller Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69210 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PD69210 Datasheet HTML 8Page - Microchip Technology PD69210 Datasheet HTML 9Page - Microchip Technology PD69210 Datasheet HTML 10Page - Microchip Technology PD69210 Datasheet HTML 11Page - Microchip Technology PD69210 Datasheet HTML 12Page - Microchip Technology PD69210 Datasheet HTML 13Page - Microchip Technology PD69210 Datasheet HTML 14Page - Microchip Technology PD69210 Datasheet HTML 15Page - Microchip Technology PD69210 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
4.2
PD69220 Package Outline Drawing
The following figure shows the package outline drawing of the PD69220 device.
Figure 4-2. PD69220 Package Outline Drawing (32-Pin LGA 5 mm × 5 mm)
The following table lists the dimensions and measurements of the PD69220 package.
Table 4-2. PD69220 Package Outline Dimensions and Measurements
Dimension
Millimeters
Min
Typ
Max
A
1
A1
0.21
A2
0.7
D
5
E
5
PD69210/PD69220
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003424A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com