Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69210 Datasheet(PDF) 15 Page - Microchip Technology

Part # PD69210
Description  PoE PSE Controller Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69210 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PD69210 Datasheet HTML 11Page - Microchip Technology PD69210 Datasheet HTML 12Page - Microchip Technology PD69210 Datasheet HTML 13Page - Microchip Technology PD69210 Datasheet HTML 14Page - Microchip Technology PD69210 Datasheet HTML 15Page - Microchip Technology PD69210 Datasheet HTML 16Page - Microchip Technology PD69210 Datasheet HTML 17Page - Microchip Technology PD69210 Datasheet HTML 18Page - Microchip Technology PD69210 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Figure 4-5. PD69220 Top-Layer Solder Paste and Vias PCB Layout for Thermal Pad Array
Note: The contract manufacturer has latitude to modify the solder paste stencil for manufacturability reasons. The
solder paste stencil covers 65% to 80% of the thermal pad and must not allow solder to be applied to the thermal vias
under the QFN package using any method they deem appropriate. Any design should be subject to system validation
and qualification prior to commitment to mass production of field deployment. Use a 5 mil stencil.
The PD69220 may be used on a PCB that was designed for the PD69200, that is the top layer copper for the two
devices is identical. However, the recommended solder paste stencil for the PD69220 is different than the
recommended stencil for PD69200. The recommended solder paste stencil for the PD69200 is identical to the
PD69210 as shown in figure PD69210 Top-Layer Solder Paste and Vias PCB Layout for Thermal Pad Array. For
more information, see the PD69200 Datasheet.
4.5
Recommended Solder Reflow Information
RoHS 6/6
Pb-free 100% Matte Tin Finish
Package Peak Temperature for Solder Reflow (40 s maximum exposure)—260 °C (0 °C, –5 °C)
Table 4-4. Classification Reflow Profiles
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (TSmax to Tp)
3 °C/second max
3 °C/second max
Preheat
Temperature min (TSmin)
100 °C
150 °C
Temperature max (TSmax)
150 °C
200 °C
Time (tsmin to tsmax)
60 s to 120 s
60 s to 180 s
Time Maintained
Temperature (TL)
183 °C
217 °C
Time (tL)
60 s to 150 s
60 s to 150 s
Peak classification temperature (TP)
210 °C to 235 °C
240 °C to 255 °C
PD69210/PD69220
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003424A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com