Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69210 Datasheet(PDF) 16 Page - Microchip Technology

Part # PD69210
Description  PoE PSE Controller Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69210 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PD69210 Datasheet HTML 12Page - Microchip Technology PD69210 Datasheet HTML 13Page - Microchip Technology PD69210 Datasheet HTML 14Page - Microchip Technology PD69210 Datasheet HTML 15Page - Microchip Technology PD69210 Datasheet HTML 16Page - Microchip Technology PD69210 Datasheet HTML 17Page - Microchip Technology PD69210 Datasheet HTML 18Page - Microchip Technology PD69210 Datasheet HTML 19Page - Microchip Technology PD69210 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
...........continued
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Time within 5 °C of actual peak temperature
(tp)
10 s to 30 s
20 s to 40 s
Ramp-down rate
6 °C/second max
6 °C/second max
Time 25 °C to peak temperature
6 minutes max
8 minutes max
Figure 4-6. Classification Reflow Profiles
Table 4-5. Pb-Free Process—Package Classification Reflow Temperatures
Package Thickness
Volume <350 mm3
Volume 350–2000 mm3
Volume >2000 mm3
Less than 1.6 mm1
260 + 0 °C
260 + 0 °C
260 + 0 °C
1.6 mm to 2.5 mm1
260 + 0 °C
250 + 0 °C
245 + 0 °C
Greater than or equal to
2.5 mm1
250 + 0 °C
245 + 0 °C
245 + 0 °C
1.
Tolerance: The device manufacturer or supplier should assure process compatibility up to and including the
stated classification temperature, meaning that the Peak reflow temperature is +0 °C. For example, 260 °C to
0 °C, at the rated MSL value.
Note: Exceeding the ratings that are mentioned in the preceding table might cause damage to the device.
4.6
Reference Documents
• IEEE Std 802.3-2018 Clause 33 Power over Ethernet over 2-Pair and Clause 145 Power over Ethernet
• PD69210 Communication Protocol User Guide
• AN3361 Designing an IEEE 802.3af/at/bt PoE System Based on PD692x0/PD69208.
• PD69208T4, PD69204T4, and PD69208M PoE PSE Manager Datasheet
• PD69200 PoE PSE Controller Datasheet
PD69210/PD69220
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003424A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com