Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 1 Page - Microchip Technology

Part # PD70201
Description  IEEE짰 802.3af/at PD Front End IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 1 Page - Microchip Technology

  PD70201 Datasheet HTML 1Page - Microchip Technology PD70201 Datasheet HTML 2Page - Microchip Technology PD70201 Datasheet HTML 3Page - Microchip Technology PD70201 Datasheet HTML 4Page - Microchip Technology PD70201 Datasheet HTML 5Page - Microchip Technology PD70201 Datasheet HTML 6Page - Microchip Technology PD70201 Datasheet HTML 7Page - Microchip Technology PD70201 Datasheet HTML 8Page - Microchip Technology PD70201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PD70100/PD70200
IEEE® 802.3af/at PD Front End IC
Product Overview
The PD70100 and PD70200 devices are part of Microchip’s series of Power over Ethernet (PoE) Powered Devices
chips (PD). The PD70100 and PD70200 devices transmit integrated power and analog data in a single 12-pin
package. They are used in Powered Devices (PD), thus enabling next generation network devices to share power
and data over the same cable.
Microchip’s PD family offers a solution to any PD application compliant with IEEE
® 802.3af and IEEE 802.3at
standards and 4-pairs extra power applications. The IC family’s components can be used in both indoor and outdoor
applications.
The device family meets all PD-side-standards such as:
• Detection
• Classification
• Integrated isolation switch with inrush current limiter, and over-current protection
• Two-events classification recognition and AT flag generation (PD70200 only).
In addition, the devices have a discharge mechanism for a DC/DC input capacitor, ensuring quick redetection
capability in case the RJ-45 plug is disconnected and reconnected within a short time span.
PD70200 IC design specifically supports IEEE 802.3at standard, including two events classification detection that
enables the PD to distinguish whether the connected power source equipment (PSE) is IEEE 802.3at or IEEE
802.3af based.
The PD70100/PD70200 ICs are designed to support 4 pair applications for PDs that require higher power.
Features
• Designed to Support IEEE 802.3af and IEEE 802.3at standards
• PD Detection & Programmable Classification Signature
• Two-events Classification Flag
• Signature Resistor Disconnection after Detection
• Integrated 0.6 Ω Isolating Switch and Inrush Current Limiter.
• 4-pairs support with a single PD70200 IC for up to 48 W
• 4-pairs support with two PD70200 ICs for up to 96 W
• Less than 10 μA Offset Current during Detection
• Single DC Voltage Input (37 V – 57 V)
• Wide Operating Temperature Range: −40 to 85 °C
• On-chip Thermal Protection
• 12-pin 3 × 4mm Package
• RoHS Compliant
• MSL3
© 2020 Microchip Technology Inc.
Datasheet
DS00003639A-page 1


Similar Part No. - PD70201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD70201 MICROCHIP-PD70201 Datasheet
810Kb / 36P
PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
PD70201 MICROCHIP-PD70201 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
PD70201 MICROCHIP-PD70201 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
logo
Microsemi Corporation
PD70201 MICROSEMI-PD70201 Datasheet
831Kb / 20P
Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
PD70201ILQ MICROSEMI-PD70201ILQ Datasheet
831Kb / 20P
Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
More results

Similar Description - PD70201

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5969AEVKIT MAXIM-MAX5969AEVKIT Datasheet
1Mb / 11P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 10/11
MAX5992A MAXIM-MAX5992A Datasheet
956Kb / 18P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 1; 6/19
MAX5986AEVKIT MAXIM-MAX5986AEVKIT Datasheet
1Mb / 8P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/12
MAX5974EEVKIT MAXIM-MAX5974EEVKIT Datasheet
1Mb / 10P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 8/11
MAX5974CEVKIT MAXIM-MAX5974CEVKIT Datasheet
599Kb / 11P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 11/11
MAX5974AEVKIT MAXIM-MAX5974AEVKIT Datasheet
1Mb / 11P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/11
logo
Microchip Technology
PD70101 MICROCHIP-PD70101 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
PD70210 MICROCHIP-PD70210 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
logo
Maxim Integrated Produc...
MAX5996AEVKIT MAXIM-MAX5996AEVKIT Datasheet
1Mb / 22P
IEEE 802.3af/at/bt-Compliant PD Interface Circuit
2021
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com