Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 10 Page - Microchip Technology

Part # PD70201
Description  IEEE짰 802.3af/at PD Front End IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 6Page - Microchip Technology PD70201 Datasheet HTML 7Page - Microchip Technology PD70201 Datasheet HTML 8Page - Microchip Technology PD70201 Datasheet HTML 9Page - Microchip Technology PD70201 Datasheet HTML 10Page - Microchip Technology PD70201 Datasheet HTML 11Page - Microchip Technology PD70201 Datasheet HTML 12Page - Microchip Technology PD70201 Datasheet HTML 13Page - Microchip Technology PD70201 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
...........continued
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/
Comment
Power Supply Current at Operating
Mode
1
3
mA
VPP = 55 V
2.2.2
Detection Mode
Table 2-3. Detection Mode
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/Comment
Detection is connected.
At this voltage range RDET
must be on.
DETRANGE
1.3
10.1
V
Measured between VPP and
VPNIN
Detection Switch ON
Resistance
PD-detection
RDET-on
50
Ω
2.5 V ≤ (ΔVPP to VPNIN) ≤
10.1 V
Measured between RDET and
VPNIN
Detection is Disconnected
RDET-off
10.1
12.8
V
Measured between VPP and
VPNIN
Detection Switch OFF
Resistance
RDET-off
2.0
MΩ
12.8 V ≤ (ΔVPP to VPNIN) ≤
57.0 V
Measured between RDET and
VPNIN
Input Offset Current
IOFFSET
16
μA
1.1 V to 10.1 V
−40 °C ≤ TJ ≤ 85 °C
IOFFSET
10
μA
1.1 V to 10.1 V
−40 °C ≤ TJ ≤ 55 °C
2.2.3
Classification Mode
Table 2-4. Classification Mode
Parameter
Symbol
Min
Typ
Max
Units
Test Condition/
Comment
Classification Current Source, Turn
ON
Threshold Range Measured at VPP
VTHlow-on
11.4
13.7
V
Turn on for any
ICLASS while VPP
increases
Classification Current Source, Turn
OFF
ThresholdRangeMeasured at VPP
VTHhigh-off
20.9
23.9
V
Turn off while VPP
increases
Current Limit Threshold
ICLASSLIM
50.0
68
80.0
mA
Input Current IPP When Classification
Function is Disabled
ICLASSDIS
4.0
mA
Class 0
RCLASS =
Disconnect
PD70100/PD70200
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003639A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com