Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 12 Page - Microchip Technology

Part # PD70201
Description  IEEE짰 802.3af/at PD Front End IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 8Page - Microchip Technology PD70201 Datasheet HTML 9Page - Microchip Technology PD70201 Datasheet HTML 10Page - Microchip Technology PD70201 Datasheet HTML 11Page - Microchip Technology PD70201 Datasheet HTML 12Page - Microchip Technology PD70201 Datasheet HTML 13Page - Microchip Technology PD70201 Datasheet HTML 14Page - Microchip Technology PD70201 Datasheet HTML 15Page - Microchip Technology PD70201 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
...........continued
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/
Comment
Continuous Operation Load
Current (PD70100)
ILOAD
350
450
mA
Isolating switch at ILIM-
HIGH
Continuous Operation Load
Current (PD70200)
600
1123
Continuous Operation Total
RDSON
SW-RDSON
0.6
Ω
Total resistance
between VPNIN and
VPNOUT Isolating
switch at ILIM-HIGH
2.2.6
DC/DC Capacitor Discharger
Table 2-7. DC/DC Capacitor Discharger
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions/
Comment
DC/DC Input Capacitance
220
μF
For reference only
Guaranteed by design
(not tested in
production)
Discharge Current
22.8
32
50
mA
7.0 V ≤ VPP to
VPNOUT ≤ 30 V
Full Discharge Time for Full
Discharge of Input Capacitance
TDSC
500
ms
VPP < UVLO threshold
Guaranteed by design
(not tested in
production)
2.2.7
AT_FLAG
Table 2-8. AT_FLAG
Parameter
Symbol Min
Typ
Max
Units
Test Conditions/
Comment
Output Low Voltage
0.4
V
IOL = 0.75 mA
2.5
V
IOL MAX = 5 mA
Leakage Current
1.7
μA
VATFLAG = 57 V
2.2.8
PGOOD
Table 2-9. PGOOD
Parameter
Symbol Min
Typ
Max
Units
Test Conditions/Comment
Output Low Voltage
0.4
μF
IOL = 0.75 mA
2.5
mA
IOL MAX = 5 mA
Leakage Current
1.7
μA
VPGOOD = 57 V
PD70100/PD70200
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003639A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com