Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9239 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC9239
Description  900 MHz Low Voltage LVPECL Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9239 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC9239 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Advanced Clock Drivers Devices
4
Freescale Semiconductor
MPC9239
Table 3. Function Table
Input
0
1
XTAL_SEL
fREF_EXT
XTAL interface
OE
Outputs disabled. fOUT is stopped in the logic low state
(fOUT = L, fOUT = H)
Outputs enabled
PWR_DOWN
Output divider
÷ 1
Output divider
÷ 16
Table 4. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC – 2
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch-Up Immunity
200
mA
CIN
Input Capacitance
4.0
pF
Inputs
θJA
LQFP 32 Thermal Resistance Junction to Ambient
JESD 51-3, single layer test board
JESD 51-6, 2S2P multilayer test board
83.1
73.3
68.9
63.8
57.4
59.0
54.4
52.5
50.4
47.8
86.0
75.4
70.9
65.3
59.6
60.6
55.7
53.8
51.5
48.8
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
θJC
LQFP 32 Thermal Resistance Junction to Case
23.0
26.3
°C/W MIL-SPEC 883E
Method 1012.1
Table 5. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
–0.3
3.9
V
VIN
DC Input Voltage
–0.3
VCC + 0.3
V
VOUT
DC Output Voltage
–0.3
VCC + 0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage Temperature
–65
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com