Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9239 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC9239
Description  900 MHz Low Voltage LVPECL Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9239 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC9239 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 14Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Advanced Clock Drivers Devices
10
Freescale Semiconductor
MPC9239
PACKAGE DIMENSIONS
CASE 776-02
ISSUE D
28-LEAD PLCC PACKAGE
S
L-M
M
0.007 (0.180)
N S
T
K1
VIEW S
H
K
F
S
L-M
M
0.007 (0.180)
N S
T
B
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
U
S
L-M
M
0.007 (0.180)
N S
T
Z
G1
X
VIEW D-D
VIEW S
S
L-M
S
0.010 (0.250)
N S
T
S
L-M
M
0.007 (0.180)
N S
T
0.004 (0.100)
G1
G
J
C
Z
R
E
A
SEATING
PLANE
S
L-M
M
0.007 (0.180)
N S
T
-T-
-N-
-M-
-L-
V
W
D
D
Y BRK
28
1
MILLIMETERS
INCHES
0.050 BSC
1.27 BSC
DIM
A
B
C
E
F
G
H
J
K
R
U
V
W
X
Y
Z
G1
K1
MIN
0.485
0.485
0.165
0.090
0.013
0.026
0.020
0.025
0.450
0.450
0.042
0.042
0.042
---
2˚
0.410
0.040
MAX
0.495
0.495
0.180
0.110
0.019
0.032
---
---
0.456
0.456
0.048
0.048
0.056
0.020
10˚
0.430
---
MIN
12.32
12.32
4.20
2.29
0.33
0.66
0.51
0.64
11.43
11.43
1.07
1.07
1.07
---
2˚
10.42
1.02
MAX
12.57
12.57
4.57
2.79
0.48
0.81
---
---
11.58
11.58
1.21
1.21
1.42
0.50
10˚
10.92
---
NOTES:
1.
2.
3.
4.
5.
6.
7.
DATUMS -L-, -M-, AND -N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXISTS
PLASTIC BODY AT MOLD PARTING LINE.
DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM -T-, SEATING PLANE.
DIMENSIONS R AND U DO NOT INCLUDE
MOLD FLASH. ALLOWABLE MOLD FLASH IS
0.010 (0.250) PER SIDE.
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
CONTROLLING DEMENSION: INCH.
THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASITC BODY.
DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com