Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9239 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC9239
Description  900 MHz Low Voltage LVPECL Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9239 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC9239 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9239 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MPC9239
Rev. 3, 08/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
900 MHz Low Voltage LVPECL
Clock Synthesizer
The MPC9239 is a 3.3 V compatible, PLL based clock synthesizer targeted for
high performance clock generation in mid-range to high-performance telecom,
networking, and computing applications. With output frequencies from
3.125 MHz to 900 MHz and the support of differential LVPECL output signals the
device meets the needs of the most demanding clock applications.
Features
•
3.125 MHz to 900 MHz synthesized clock output signal
•
Differential LVPECL output
•
LVCMOS compatible control inputs
•
On-chip crystal oscillator for reference frequency generation
•
Alternative LVCMOS compatible reference input
•
3.3 V power supply
•
Fully integrated PLL
•
Minimal frequency overshoot
•
Serial 3-wire programming interface
•
Parallel programming interface for power-up
•
28 PLCC and 32 LQFP packaging
•
28-lead and 32-lead Pb-free package available
•
SiGe Technology
•
Ambient temperature range 0
°C to + 70°C
•
Pin and function compatible to the MC12439
Functional Description
The internal crystal oscillator uses the external quartz crystal as the basis of
its frequency reference. The frequency of the internal crystal oscillator or external
reference clock signal is multiplied by the PLL. The VCO within the PLL operates over a range of 800 to 1800 MHz. Its output is
scaled by a divider that is configured by either the serial or parallel interfaces. The crystal oscillator frequency fXTAL, the PLL
feedback-divider M and the PLL post-divider N determine the output frequency.
The feedback path of the PLL is internal. The PLL adjusts the VCO output frequency to be M times the reference frequency
by adjusting the VCO control voltage. Note that for some values of M (either too high or too low) the PLL will not achieve phase
lock. The PLL will be stable if the VCO frequency is within the specified VCO frequency range (800 to 1800 MHz). The M-value
must be programmed by the serial or parallel interface.
The PLL post-divider N is configured through either the serial or the parallel interfaces, and can provide one of four division
ratios (1, 2, 4, or 8). This divider extends performance of the part while providing a 50% duty cycle. The output driver is driven
differentially from the output divider, and is capable of driving a pair of transmission lines terminated 50
Ω to VCC – 2.0 V. The
positive supply voltage for the internal PLL is separated from the power supply for the core logic and output drivers to minimize
noise induced jitter.
The configuration logic has two sections: serial and parallel. The parallel interface uses the values at the M[6:0] and N[1:0]
inputs to configure the internal counters. It is recommended on system reset to hold the P_LOAD input LOW until power becomes
valid. On the LOW-to-HIGH transition of P_LOAD, the parallel inputs are captured. The parallel interface has priority over the
serial interface. Internal pullup resistors are provided on the M[6:0] and N[1:0] inputs prevent the LVCMOS compatible control
inputs from floating. The serial interface centers on a twelve bit shift register. The shift register shifts once per rising edge of the
S_CLOCK input. The serial input S_DATA must meet setup and hold timing as specified in the AC Characteristics section of this
document. The configuration latches will capture the value of the shift register on the HIGH-to-LOW edge of the S_LOAD input.
Refer to the programming section for more information. The TEST output reflects various internal node values, and is controlled
by the T[2:0] bits in the serial data stream. In order to minimize the PLL jitter, it is recommended to avoid active signal on the
TEST output. The PWR_DOWN pin, when asserted, will synchronously divide the fOUT by 16. The power down sequence is
clocked by the PLL reference clock, thereby causing the frequency reduction to happen relatively slowly. Upon de-assertion of
the PWR_DOWN pin, the fOUT input will step back up to its programmed frequency in four discrete increments.
MPC9239
900 MHz LOW VOLTAGE
CLOCK SYNTHESIZER
FN SUFFIX
28-LEAD PLCC PACKAGE
CASE 776-02
FA SUFFIX
32-LEAD LQFP PACKAGE
CASE 873A-04
EI SUFFIX
28-LEAD PLCC PACKAGE
Pb-FREE PACKAGE
CASE 776-02
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-04


Similar Part No. - MPC9239

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
800 MHz Low Voltage PECL Clock Synthesizer
logo
Integrated Device Techn...
MPC9230 IDT-MPC9230 Datasheet
800Kb / 16P
800MHz Low Voltage PECL Clock Synthesizer
More results

Similar Description - MPC9239

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
800 MHz Low Voltage PECL Clock Synthesizer
MPC92432 MOTOROLA-MPC92432 Datasheet
453Kb / 20P
1360 MHz Dual Output LVPECL Clock Synthesizer
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
logo
Freescale Semiconductor...
MPC92433 FREESCALE-MPC92433 Datasheet
412Kb / 20P
1428 MHz Dual Output LVPECL Clock Synthesizer
logo
Motorola, Inc
MPC9259 MOTOROLA-MPC9259 Datasheet
300Kb / 12P
900 MHz LOW VOLTAGE LVDS CLOCK SYNTHESIZER
logo
Exar Corporation
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
Universal Clock - High Frequency LVPECL Clock Synthesizer
logo
Renesas Technology Corp
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
MPC92439 RENESAS-MPC92439 Datasheet
651Kb / 17P
900MHz, Low Voltage LVPECL Clock Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com