Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9230 Datasheet (PDF) - Integrated Device Technology

MPC9230 Datasheet PDF - Integrated Device Technology
Part # MPC9230
Download  MPC9230 Download
File Size   800.98 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 800MHz Low Voltage PECL Clock Synthesizer

MPC9230 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9230 Datasheet PDF - Integrated Device Technology

Part # MPC9230
Download  MPC9230 Click to download

File Size   800.98 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 800MHz Low Voltage PECL Clock Synthesizer

MPC9230 Datasheet (HTML) - Integrated Device Technology


MPC9230 Product details

800MHz Low Voltage PECL Clock Synthesizer

The MPC9230 is a 3.3 V compatible, PLL based clock synthesizer targeted for high performance clock generation in mid-range to high-performance telecom, networking and computing applications. With output frequencies from 50 MHz to 800 MHz(1) and the support of differential PECL output signals the device meets the needs of the most demanding clock applications.

Features
• 50 MHz to 800 MHz(1) synthesized clock output signal
• Differential PECL output
• LVCMOS compatible control inputs
• On-chip crystal oscillator for reference frequency generation
• Alternative LVCMOS compatible reference clock input
• 3.3 V power supply
• Fully integrated PLL
• Minimal frequency overshoot
• Serial 3-wire programming interface
• Parallel programming interface for power-up
• 32-lead LQFP and 28-lead PLCC packaging
• 32-lead and 28-lead Pb-free package available
• SiGe Technology
• Ambient temperature range -40°C to +85°C
• Pin and function compatible to the MC12430




Similar Part No. - MPC9230

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
800 MHz Low Voltage PECL Clock Synthesizer
More results


Similar Description - MPC9230

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LCK4802 AGERE-LCK4802 Datasheet
156Kb / 10P
Low-Voltage PECL Differential Clock
July 2001
logo
Integrated Circuit Syst...
ICS507-01 ICST-ICS507-01 Datasheet
49Kb / 5P
PECL Clock Synthesizer
Revision 042600
logo
Motorola, Inc
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
800 MHz Low Voltage PECL Clock Synthesizer
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
logo
Micrel Semiconductor
SY89207L MICREL-SY89207L Datasheet
55Kb / 6P
3.3V 800MHz PRECISION PECL AMPLIFIER WITH LOW-GAIN FEEDBACK
logo
Integrated Device Techn...
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
logo
Renesas Technology Corp
MPC9229 RENESAS-MPC9229 Datasheet
532Kb / 15P
400MHz Low Voltage PECL Clock Synthesizer
2019
MPC92439 RENESAS-MPC92439 Datasheet
651Kb / 17P
900MHz, Low Voltage LVPECL Clock Synthesizer
2019
ICS507-01 RENESAS-ICS507-01 Datasheet
324Kb / 8P
PECL CLOCK SYNTHESIZER
041905
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com